Electronic Components Datasheet Search
  English  ▼

X  

LM5071 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5071
Description  LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5071 Datasheet(HTML) 4 Page - Texas Instruments

  LM5071 Datasheet HTML 1Page - Texas Instruments LM5071 Datasheet HTML 2Page - Texas Instruments LM5071 Datasheet HTML 3Page - Texas Instruments LM5071 Datasheet HTML 4Page - Texas Instruments LM5071 Datasheet HTML 5Page - Texas Instruments LM5071 Datasheet HTML 6Page - Texas Instruments LM5071 Datasheet HTML 7Page - Texas Instruments LM5071 Datasheet HTML 8Page - Texas Instruments LM5071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM5071
SNVS409E – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN ,RTN to VEE
-0.3V to 80V
RSIG to VIN
-12V to 0V
AUX to VEE
-0.3V to 57V
UVLO to VEE
-0.3V to 13V
RCLASS to VEE
-0.3V to 7V
ARTN to RTN
-0.3V to 0.3V
VCC, OUT to ARTN
-0.3V to 16V
All other inputs to ARTN
-0.3V to 7V
ESD Rating
Human Body Model
2000V
Lead Temperature(3)
Wave (4 seconds)
260°C
Infrared (10 seconds)
240°C
Vapor Phase (75 seconds)
219°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see Electrical Characteristics. The absolute
maximum rating of VIN, RTN to VEE is derated to (-0.3V to 76V) at -40°C.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For detailed information on soldering the plastic TSSOP package, refer to the Packaging Databook available from Texas Instruments.
Operating Ratings
VIN voltage
1.8V to 60V
External voltage applied to VCC
8.1V to 15V
Operating Junction Temperature
-40°C to 125°C
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com