Electronic Components Datasheet Search
  English  ▼

X  

LM95071CIMF Datasheet(PDF) 8 Page - Texas Instruments

Part # LM95071CIMF
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071CIMF Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM95071CIMF Datasheet HTML 4Page - Texas Instruments LM95071CIMF Datasheet HTML 5Page - Texas Instruments LM95071CIMF Datasheet HTML 6Page - Texas Instruments LM95071CIMF Datasheet HTML 7Page - Texas Instruments LM95071CIMF Datasheet HTML 8Page - Texas Instruments LM95071CIMF Datasheet HTML 9Page - Texas Instruments LM95071CIMF Datasheet HTML 10Page - Texas Instruments LM95071CIMF Datasheet HTML 11Page - Texas Instruments LM95071CIMF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
1.4V
IOH = -1.6 mA
IOL = 1.6 mA
To LM95071/
LM95071-Q1
SI/O Pin
80 pF
+3.3V
-40°C
-25°C
-0.03125°C
0°C
00,0011,0010,0000
+0.03125°C
+25°C
Temperature
+150°C
Output Code
11,1111,1111,1111
11,1100,1110,0000
11,1011,0000,0000
00,0000,0000,0000
00,0000,0000,0001
01,0010,1100,0000
8
LM95071
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: LM95071
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 8. Temperature-to-Digital Transfer Function (Non-Linear Scale for Clarity)
Figure 9. TRI-STATE Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com