Electronic Components Datasheet Search
  English  ▼

X  

2N3734 Datasheet(PDF) 2 Page - TT Electronics.

Part # 2N3734
Description  GENERAL PURPOSE SILICON NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N3734 Datasheet(HTML) 2 Page - TT Electronics.

  2N3734 Datasheet HTML 1Page - TT Electronics. 2N3734 Datasheet HTML 2Page - TT Electronics. 2N3734 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GENERAL PURPOSE SILICON
NPN TRANSISTOR
2N3734, 2N3735
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9588
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
IC = 10mA
2N3734
30
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IB = 0
2N3735
50
IC = 10µA
2N3734
50
V(BR)CBO
(1)
Collector-Base
Breakdown Voltage
IE = 0
2N3735
75
V(BR)EBO
(1)
Emitter-Base
Breakdown Voltage
IE = 10µA
IC = 0
5.0
V
VCE = 25V
2N3734
0.2
VBE = -2V
TA = 100°C
20
VCE = 40V
2N3735
0.2
ICEX
Collector Cut-Off Current
VBE = -2V
TA = 100°C
20
µA
IC = 10mA
VCE = 1.0V
35
IC = 150mA
VCE = 1.0V
40
IC = 500mA
VCE = 1.0V
35
IC = 1.0A
2N3734
20
120
VCE = 1.5V
2N3735
20
80
IC = 1.5A
2N3734
20
hFE
(1)
Forward-current transfer
ratio
VCE = 5V
2N3735
20
IC = 10mA
IB = 1.0mA
0.2
IC = 150mA
IB = 15mA
0.3
IC = 500mA
IB = 50mA
0.5
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 1.0A
IB = 100mA
0.9
IC = 10mA
IB = 1.0mA
0.8
IC = 150mA
IB = 15mA
1.0
IC = 500mA
IB = 50mA
1.2
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 1.0A
IB = 100mA
0.9
1.4
V
Notes
Notes
Notes
Notes
(1) Pulse Width ≤ 380us, δ ≤ 2%
(2) By design only, not a production test.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com