Electronic Components Datasheet Search
  English  ▼

X  

DPG-B Datasheet(PDF) 1 Page - TT Electronics.

Part # DPG-B
Description  Digital Pressure Gauge
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DPG-B Datasheet(HTML) 1 Page - TT Electronics.

  DPG-B Datasheet HTML 1Page - TT Electronics. DPG-B Datasheet HTML 2Page - TT Electronics. DPG-B Datasheet HTML 3Page - TT Electronics. DPG-B Datasheet HTML 4Page - TT Electronics. DPG-B Datasheet HTML 5Page - TT Electronics. DPG-B Datasheet HTML 6Page - TT Electronics. DPG-B Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | Roxspur Measurement & Control Ltd 2 Downgate
Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
Rev - 06/2019 Page 1
Description:
The DPGB series battery powered gauge can be supplied in gauge or absolute pressure formats and displays the
sensor pressure in bar, PSI or the user’s engineering unit on a 6-digit LCD display. The instrument offers an
advanced display mode allowing the user to also display one or two (1 to 32) character messages.
Additional to the messages, the user may select an alert-event to occur when the pressure is within a band. A
change-over relay can be used together with the messaging and alerts to provide switching at user-set points. In
addition to this, on-board datalogging is also available to record process details at up to 5000 points.
Specification:
•
Range: 0 - 600 Bar
•
Overpressure: 1.5x full scale
•
Measurement type: Gauge / Absolute
•
Accuracy: ± 0.5% F.S. BFSL@25C
•
Temperature compensation: Automatic
•
Total error: 1%
•
Working Temperature: -10C - 80C
•
Stability: ±0.2% F.S. /year
•
Process fitting: G1/4” (other types available on request)
•
User changeable pressure units via software
•
Stainless Steel Pressure Sensor Housing, ABS enclosure and
Clear Polycarbonate display cover.
Applications:
•
For use with gas or liquid.
•
General Industrial including, Plant, Machine, Heating and Water applications
•
Use the relay to control alarms and other process actions.
Features:
•
Gauge or Absolute pressure
•
ABS Plastic Housing
•
Alarm relay, max/min information
•
5000 point data logger with USB interface
•
Built-in temperature compensated Pressure Sensor
Digital Pressure Gauge
DPG Battery Powered


Similar Part No. - DPG-B

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DPG-41 DATADELAY-DPG-41 Datasheet
109Kb / 1P
DELAYED PULSE GENERATOR
logo
TT Electronics.
DPG-L TTELEC-DPG-L Datasheet
360Kb / 7P
Digital Pressure Gauge
Rev - 06/2019
More results

Similar Description - DPG-B

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUD-0015 RALSTON-GAUD-0015 Datasheet
345Kb / 1P
0-15 psig Digital Pressure Gauge
GAUD-0030 RALSTON-GAUD-0030 Datasheet
345Kb / 1P
0-30 psig Digital Pressure Gauge
GAUD-0100 RALSTON-GAUD-0100 Datasheet
345Kb / 1P
0-100 psig Digital Pressure Gauge
GAUD-0200 RALSTON-GAUD-0200 Datasheet
345Kb / 1P
0-200 psig Digital Pressure Gauge
GAUD-0300 RALSTON-GAUD-0300 Datasheet
345Kb / 1P
0-300 psig Digital Pressure Gauge
GAUD-0500 RALSTON-GAUD-0500 Datasheet
345Kb / 1P
0-500 psig Digital Pressure Gauge
GAUD-1000 RALSTON-GAUD-1000 Datasheet
345Kb / 1P
0-1000 psig Digital Pressure Gauge
GAUD-3000 RALSTON-GAUD-3000 Datasheet
345Kb / 1P
0-3000 psig Digital Pressure Gauge
logo
Copal Electronics
PG-200 COPAL-PG-200 Datasheet
251Kb / 4P
DIGITAL PRESSURE GAUGE
PG-208 COPAL-PG-208 Datasheet
1Mb / 5P
DIGITAL PRESSURE GAUGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com