Electronic Components Datasheet Search
  English  ▼

X  

PBS Datasheet(PDF) 1 Page - TT Electronics.

Part # PBS
Description  Electronic Pressure Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PBS Datasheet(HTML) 1 Page - TT Electronics.

  PBS Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electronic Pressure Switch
PBS
© TT electronics plc
Issue A
07/2018 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The PBS is an electronic pressure switch, pressure transmitter and display in one. It is available with up to two switching
output, analog output and IO-Link in a single device.
Its intuitive configuration via three large pushbuttons and display facilitates operation. The housing can be rotated in two
ways. This means that the display and electrical connection can be aligned to match the specific installation situation.
The PBS can be utilized in a wide range of applications due to its gauge pressure measuring ranges between 0 bar - 1 bar
and 0 bar - 600 bar. In addition, absolute pressure and compound measuring ranges are available.
The PBS features a fully welded stainless steel membrane, making it suitable for use with a host of corrosive media.
Numerous standard process connections make adapters redundant in most cases. In addition, a flush-mounted membrane
is available for pressure measurement in heterogeneous liquids.
Applications:
Monitoring cooling lubricant
Measuring pressure, level, and temperature in machine hydraulics
Monitoring of cylinder end position and press travel
Monitoring of press force
Features:
Electronic pressure switch with display for monitoring pressure in
liquids and gases
Precise sensor technology with stainless steel membrane
United of pressure value in display can be switched
Min/max memory
Password protection
Technical Data Overview
Device type
Pressure switch
Measuring ranges
Gauge pressure
Absolute pressure
Compound pressure
0 bar… 1 bar up to bar… 600 bar
0 bar… 1 bar up to 0 bar… 25 bar
-1 bar… 0 bar up to –1 bar… +24 bar
Pressure unit
Bar, MPa, psi and kg/cm
2
Accuracy
≤ ± 1 % of the span
Setting accuracy of switching outputs
≤ ± 0.5 % of span
Output signal
PNP or NPN switching outputs plus optional IO-Link and analog output
Electrical connection
Round connector M12 x 1


Similar Part No. - PBS

ManufacturerPart #DatasheetDescription
logo
Box enclosures
PBS-107 BOX-PBS-107 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-109 BOX-PBS-109 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-209 BOX-PBS-209 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-307 BOX-PBS-307 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-309 BOX-PBS-309 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
More results

Similar Description - PBS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
OEMEPS10-50-2 SENSORTECHNICS-OEMEPS10-50-2 Datasheet
78Kb / 4P
Miniature electronic pressure controllers
VSOEPS10-50-15 SENSORTECHNICS-VSOEPS10-50-15 Datasheet
98Kb / 4P
Electronic pressure controllers
logo
List of Unclassifed Man...
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
ELECTRONIC PRESSURE SWITCH
PS91 COPAL-PS91 Datasheet
1Mb / 3P
Electronic pressure switch
logo
TT Electronics.
PAC50 TTELEC-PAC50 Datasheet
300Kb / 1P
Electronic pressure switch for pneumatic applications
logo
Festo Corporation.
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com