Electronic Components Datasheet Search
  English  ▼

X  

SDP8105 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # SDP8105
Description  Infrared Sensors Line Guide
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SDP8105 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SDP8105 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SDP8105 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HOA1882
HOA088X
HOA1870
Sensor aperture
1,52 mm [0.06 in] dia
1,52 mm x 0,25 mm
[0.06 in x 0.01 in]
1,02 mm x 0,15 mm
[0.04 in x 0.006 in]
Slot width
5,08 mm [0.20 in]
3,18 mm [1.25 in]
0,78 mm [0.07 in]
Rise/fall time (typ.)
15 ms
15 ns
15 ns
Coupled current (Ic) min.
1.8 mA
0.5 mA
0.3 mA
Collector-emitter
breakdown voltage (min.)
30 V
30 V
30 V
Mounting configuration
pcb mount
N, L, T, P mounting options
mounting tab
Termination style
0.020 in sq leads
26 AWG UL 1429 wire leads
22 AWG UL 1007 wire leads
4
www.honeywell.com/sensing
Infrared Sensors Line Guide
Transmissive
Sensors
SD5600
SD5610
SD5620
SD5630
SDP8600
SDP8610
Package style
TO-46 dome lensed TO-46 dome lensed TO-46 dome lensed TO-46 dome lensed Side-detecting
Side-detecting
Package components
metal
metal
metal
metal
plastic
plastic
Angular response
12°
12°
12°
12°
50°
50°
Turn-on threshold
irradiance
2.5 mW/cm2 max.
2.5 mW/cm2 max.
0.25 mW/cm2
0.25 mW/cm2
2.5 mW/cm2 max.
2.5 mW/cm2 max.
Output logic
buffer
inverter
buffer
inverter
buffer
inverter
Supply voltage (range)
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 12 Vdc
4.5 Vdc to 12 Vdc
Mounting configuration
through-hole
through-hole
through-hole
through-hole
through-hole
through-hole
Termination style
0.018 in round
leads
0.018 in round
leads
0.018 in round
leads
0.018 in round
leads
0.020 in sq leads
0.020 in sq leads
Optoschmitt
Detectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com