Electronic Components Datasheet Search
  English  ▼

X  

SDP8106 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SDP8106
Description  Infrared Sensors Line Guide
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SDP8106 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SDP8106 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SDP8106 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HOA1397
HOA1405
HOA2498
Package style
pc mount
pc/chassis mount
pc/chassis mount
Coupled current
0.7 mA
0.8 mA
0.16 mA
Forward current
20 mA
30 mA
30 mA
Optimum point of
response
1,27 mm [0.05 in]
5,08 mm [0.2 in]
12,7 mm [0.5 in]
Mounting
configuration
pcb mount
mounting tab
mounting tab
Termination style
0.020 in sq leads
0.020 in sq leads
0.018 dia leads
HLC1395
HOA0149
HOA1180
Package style
miniature
pc/chassis mount
chassis mount
Coupled current (Ic)
minimum
0.6 mA
1 mA
0.16 mA
Forward current
10 mA
40 mA
30 mA
Optimum point of
response
1,02 mm [0.04 in]
3,80 mm [0.15 in]
12,7 mm [0.5 in]
Mounting
configuration
pcb mount
pcb or 0.085 in dia mounting
hole
mounting tab
Termination style
0.020 in sq leads
0.020 in sq leads
28 AWG PVC insulated wire
leads
2
www.honeywell.com/sensing
Infrared Sensors Line Guide
Reflective
Sensors
Reflective
Sensors
Often reliable, cost-effective
performance.
Often ideal for object presence,
motion and limit sensing,
position encoding, movement
detection, and counting, the
Honeywell S&C infrared sensor
line consists of reflective and
transmissive sensors, detectors,
emitters, and encoders.
Reflective:
An infrared emitter
and phototransistors or
photodarlingtons are encased
side-by-side. Detector responds
to radiation from the infrared
emitter when a reflective object
passes.
Transmissive:
Through a field
of view, an infrared emitter and a
photosensor are mounted facing
each other when an opaque
object passes through the slot,
interrupting the infrared path,
it is detected. These metal or
plastic products offer a variety
of electro-optical characteristics
and package styles.
Detectors:
Available in a
number of different plastic,
metal, and ceramic packages,
with a wide variety of electro-
optical characteristics. Can
sense light over broad spectrum
from low visible through near
infrared wavelengths. Analog
detectors are available in
photodiodes, phototransistors,
and photodarlingtons. Digital
Optoschmitt detectors are also
available.
Emitters:
Available in a variety
of packages to compliment
the Honeywell detector family.
Available in transfer-molded
plastic packages, as well as
ceramic surface mount or metal
packages in various styles. Two
basic chip types are used: GaAs
and AlGaAs.
Encoders:
Sensing speed and
direction or mechanical
motion, these PC-mount, plastic
products are typically used in
conjunction with an encoder
disk or linear encoder strip. As
the interruptive pattern moves,
the sensor provides data for
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com