Electronic Components Datasheet Search
  English  ▼

X  

SD1420 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SD1420
Description  Infrared Sensors Line Guide
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SD1420 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SD1420 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SD1420 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.honeywell.com/sensing
3
HOA1877
HOA0825
HOA086X
HOA1879
Sensor aperture
1,52 mm [0.06 in] dia
1,52 mm [0.06 in] dia
1,52 mm x 1,27 mm
[0.06 in x 0.05 in]
1,02 mm x 0,25 mm
[0.04 in x 0.01 in]
Slot width
9,53 mm [0.375 in]
4,19 mm [0.165 in]
3,18 mm [0.125 in]
3,18 mm [0.125 in]
Rise/fall time (typ.)
15 ns
15 ns
15 ns
15 ns
Coupled current (Ic) min.
0.5 mA
0.5 mA
1 mA
0.5 mA
Collector-emitter
breakdown voltage (min.)
30 V
30 V
30 V
30 V
Mounting configuration
mounting tabs
N, L, T, P mounting options
N, L, T, P mounting options
mounting tabs
Termination style
0.018 in diameter leads
0.020 sq leads
0.020 in sq leads
0.020 in sq leads
Transmissive
Sensors
SDP8475-201
SDP8476-201
Package style
T-1
sidelooker
Angular response
20°
50°
Light current (min.)
4 mA
1 mA
Light current (max.)
14 mA
6 mA
Light current slope
4 mA/mW/cm² to 14 mA/mW/cm²
1 mA/mW/cm² to 6 mA/mW/cm²
Mounting configuration
through-hole
through-hole
Termination style
0.020 in sq leads
0.020 in sq leads
Low Light Rejection
Phototransistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com