Electronic Components Datasheet Search
  English  ▼

X  

UA78L09ACLP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L09ACLP
Description  POSITIVE-VOLTAGE REGULATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L09ACLP Datasheet(HTML) 3 Page - Texas Instruments

  UA78L09ACLP Datasheet HTML 1Page - Texas Instruments UA78L09ACLP Datasheet HTML 2Page - Texas Instruments UA78L09ACLP Datasheet HTML 3Page - Texas Instruments UA78L09ACLP Datasheet HTML 4Page - Texas Instruments UA78L09ACLP Datasheet HTML 5Page - Texas Instruments UA78L09ACLP Datasheet HTML 6Page - Texas Instruments UA78L09ACLP Datasheet HTML 7Page - Texas Instruments UA78L09ACLP Datasheet HTML 8Page - Texas Instruments UA78L09ACLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
µA78L00 SERIES
POSITIVEVOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION (continued)
TJ
VO(NOM)
(V)
OUTPUT
VOLTAGE
TOLERANCE
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (D)
Tube of 75
µA78L15ACD
78L15A
SOIC (D)
Reel of 2500
µA78L15ACDR
78L15A
0
°C to 125°C
15 V
5%
SOT-89 (PK)
Reel of 1000
µA78L15ACPK
FF
0 C to 125 C
15 V
5%
TO-92 (LP)
Bulk of 1000
µA78L15ACLP
78L15AC
TO-92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L15ACLPR
78L15AC
SOIC (D)
Tube of 75
µA78L05AID
78L15AI
SOIC (D)
Reel of 2500
µA78L05AIDR
78L15AI
−40
°C to 125°C
5 V
5%
SOT-89 (PK)
Reel of 1000
µA78L05AIPK
J5
−40 C to 125 C
5 V
5%
TO-92 (LP)
Bulk of 1000
µA78L05AILP
78L05AI
TO-92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L05AILPR
78L05AI
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
schematic
20 k
Ω
1 k
Ω to 14 kΩ
INPUT
OUTPUT
COMMON
NOTE A: Resistor values shown are nominal.
1.4 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com