Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT2907
Description  PNP General-Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2907 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT2907 Datasheet HTML 1Page - ON Semiconductor MMBT2907 Datasheet HTML 2Page - ON Semiconductor MMBT2907 Datasheet HTML 3Page - ON Semiconductor MMBT2907 Datasheet HTML 4Page - ON Semiconductor MMBT2907 Datasheet HTML 5Page - ON Semiconductor MMBT2907 Datasheet HTML 6Page - ON Semiconductor MMBT2907 Datasheet HTML 7Page - ON Semiconductor MMBT2907 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2907 / MMBT2907 Rev. 1.1.0
1
January 2014
PN2907 / MMBT2907
PNP General-Purpose Transistor
Ordering Information
Part Number
Top Mark
Package
Packing Method
PN2907BU
PN2907
TO-92 3L
Bulk
MMBT2907_D87Z
2B
SOT-23 3L
Tape and Reel
PN2907
MMBT2907
EB C
TO-92
SOT-23
Mark:2B
C
B
E
Description
This device is designed for use with general-purpose
amplifiers and switches requiring collector currents to
500 mA. Sourced from process 63.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com