Electronic Components Datasheet Search
  English  ▼

X  

PN2907 Datasheet(PDF) 4 Page - ON Semiconductor

Part # PN2907
Description  PNP General-Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PN2907 Datasheet(HTML) 4 Page - ON Semiconductor

  PN2907 Datasheet HTML 1Page - ON Semiconductor PN2907 Datasheet HTML 2Page - ON Semiconductor PN2907 Datasheet HTML 3Page - ON Semiconductor PN2907 Datasheet HTML 4Page - ON Semiconductor PN2907 Datasheet HTML 5Page - ON Semiconductor PN2907 Datasheet HTML 6Page - ON Semiconductor PN2907 Datasheet HTML 7Page - ON Semiconductor PN2907 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2907 / MMBT2907 Rev. 1.1.0
3
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
5. Pulse test: pulse width ≤ 300
μs, duty cycle ≤ 2.0%.
Symbol
Parameter
Conditions
Min.
Max.
Unit
Off Characteristics
V(BR)CEO Collector-Emitter Breakdown Voltage(5) IC = -10 mA, IB = 0
-40
V
V(BR)CBO Collector-Base Breakdown Voltage
IC = -10 μA, IE = 0
-60
V
V(BR)EBO Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5.0
V
ICEX
Collector Cut-Off Current
VCE = -30 V, VEB = -0.5 V
-50
nA
IBL
Base Cut-Off Current
VCE = -30 V, VEB = -0.5 V
-50
nA
ICBO
Collector Cut-Off Current
VCB = -50 V, IE = 0
-20
nA
VCB = -50 V, IE = 0, TA = 150°C
-20
μA
On Characteristics(5)
hFE
DC Current Gain
VCE = -10 V, IC = -0.1 mA
35
VCE = -10 V, IC = -1.0 mA
50
VCE = -10 V, IC = -10 mA
70
VCE = -10 V, IC = -150 mA
100
300
VCE = -10 V, IC = -500 mA
30
VCE(sat) Collector-Emitter Saturation Voltage
IC = -150 mA, IB = -15 mA
-0.4
V
IC = -500 mA, IB = -50 mA
-1.6
VBE(sat) Base-Emitter Saturation Voltage
IC = -150 mA, IB = -15 mA
-1.3
V
IC = -500 mA, IB = -50 mA
-2.6
Small Signal Characteristics
Cob
Output Capacitance
VCB = -10 V, f = 1.0 MHz
8
pF
Cib
Input Capacitance
VEB = -2.0 V, f = 1.0 MHz
30
pF
hfe
Small-Signal Current Gain
IC = -50 mA, VCE = -20 V,
f = 100 MHz
2
Switching Characteristics
ton
Turn-On Time
VCC = -30 V, IC = -150 mA,
IB1 = -15 mA
45
ns
td
Delay Time
10
ns
tr
Rise Time
40
ns
toff
Turn-Off Time
VCC = -6.0 V, IC = -150 mA,
IB1 = IB2 = -15mA
100
ns
ts
Storage Time
80
ns
tf
Fall Time
30
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com