Electronic Components Datasheet Search
  English  ▼

X  

CP1001 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CP1001
Description  Single Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CP1001 Datasheet(HTML) 1 Page - Multicomp Pro

  CP1001 Datasheet HTML 1Page - Multicomp Pro CP1001 Datasheet HTML 2Page - Multicomp Pro CP1001 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Phase Bridge Rectifiers
CP 10 A Series
Page <1>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
•• High surge current capability
•• PCB mounted / screw fixing
•• Surge overload rating-200 amperes peak
•• Low forward voltage drop and reverse leakage
•• Small size, simple installation
•• Reliable low cost construction utilizing moulded plastic technique
Mechanical Data
Case
: Moulded plastic with heatsink integrally mounted in the bridge encapsulation
Terminals
: Lead solderable per MIL-STD-202 method 208
Dimensions : Inches (Millimetres)
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise noted; resistive or inductive load at 60 Hz
Parameter
CP1000 CP1001 CP1004 CP1006 CP1008 Units
Maximum Recurrent Peak Reverse Voltage
50
100
400
600
800
V
Maximum Bridge Input Voltage RMS
35
70
280
420
560
Maximum Average Rectified Output at TA = 50°C* See Figure 2
10
A
Peak One Cycle Surge Overload Current
200
Maximum Forward Voltage Drop Per Element at 5 A dc and 25°C
See Figure 3
1.1
V
Maximum Reverse Leakage at Rated DC Blocking
Voltage Per Element at 25°C
See Figure 4 at 100°C
10
1
µA
mA
Typical Junction Capacitance Per leg (Note 4) CJ
200
pF
I2t Rating for Fusing (t <8.3 ms)
164
A2S


Similar Part No. - CP1001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1001 PANJIT-CP1001 Datasheet
56Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
logo
Transys Electronics
CP1001 TRSYS-CP1001 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Power-One
CP1001-7R POWER-ONE-CP1001-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
List of Unclassifed Man...
CP10018A ETC-CP10018A Datasheet
315Kb / 3P
Transhield CP1000 Series
More results

Similar Description - CP1001

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com