Electronic Components Datasheet Search
  English  ▼

X  

VC1-1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # VC1-1
Description  Volatile Corrosion Inhibitor Capsule
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

VC1-1 Datasheet(HTML) 1 Page - Multicomp Pro

  VC1-1 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
27/11/12
Volatile Corrosion Inhibitor Capsule
Features:
• VCI stands for “volatile corrosion inhibitor”
• In brief, the VCI method functions such that the VCI capsule slowly
emits a vapour and adheres to metal surfaces, interrupting the
electro-chemical action, commonly referred to as corrosion
• The condensed VCI molecules prevent corrosion, or reduce it to
a minimum on iron, steel, copper, brass and aluminium
Capsules works as follows:
• When one or more capsules are placed within an enclosure, the
vapours are dispersed to all the accessible surfaces by convection
• Then provide the protection described
• Two complete air changes a day are allowed for in the useful
life times
• In addition to capsules a range of tube strips are available
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Specifications:
Useful Life
: 1year
Operating Temperature Max.
: 70°C
Description
Part Number
Capsule, Anti Corrosion
VC1-1
VC2-1
Part Number
External
Depth
External
Length / Height
External
Width
Protective Radius
(M)
Volume Protected
(M3)
VC1-1
25
20
50
0.3
0.012
VC2-1
30
25
55
0.6
0.95


Similar Part No. - VC1-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VC1019 ETC1-VC1019 Datasheet
54Kb / 3P
axial inductors offers the user excellent reliability, over a wide inductance range, along with high current handling.
logo
ECM Electronics Limited...
VC1019 ECM-VC1019 Datasheet
60Kb / 3P
High Power Axial Inductors
logo
List of Unclassifed Man...
VC1019-100 ETC1-VC1019-100 Datasheet
54Kb / 3P
axial inductors offers the user excellent reliability, over a wide inductance range, along with high current handling.
logo
ECM Electronics Limited...
VC1019-100 ECM-VC1019-100 Datasheet
60Kb / 3P
High Power Axial Inductors
logo
List of Unclassifed Man...
VC1019-101 ETC1-VC1019-101 Datasheet
54Kb / 3P
axial inductors offers the user excellent reliability, over a wide inductance range, along with high current handling.
More results

Similar Description - VC1-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Semikron International
P11 SEMIKRON-P11 Datasheet
520Kb / 3P
For capsule devices
P17 SEMIKRON-P17 Datasheet
1Mb / 4P
For capsule devices
P18 SEMIKRON-P18 Datasheet
436Kb / 3P
For capsule devices
P19 SEMIKRON-P19 Datasheet
485Kb / 3P
For capsule devices
logo
Maxim Integrated Produc...
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
logo
PANDUIT CORP.
D-621-0417-L PANDUIT-D-621-0417-L Datasheet
197Kb / 6P
THREADED CORROSION RESISTANT CONNECTORIZED.
logo
3M Electronics
TAPE50 3M-TAPE50 Datasheet
84Kb / 4P
All-Weather Corrosion Protection
Rev C
1100P 3M-1100P Datasheet
28Kb / 2P
Vinyl Corrosion Protection Tape
logo
SparkFun Electronics
SEN-09416 SPARKFUN-SEN-09416 Datasheet
91Kb / 2P
RFID Glass Capsule (125kHz)
6??0??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com