Electronic Components Datasheet Search
  English  ▼

X  

1082476 Datasheet(PDF) 2 Page - SICK AG

Part # 1082476
Description  MULTITASK PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1082476 Datasheet(HTML) 2 Page - SICK AG

  1082476 Datasheet HTML 1Page - SICK AG 1082476 Datasheet HTML 2Page - SICK AG 1082476 Datasheet HTML 3Page - SICK AG 1082476 Datasheet HTML 4Page - SICK AG 1082476 Datasheet HTML 5Page - SICK AG 1082476 Datasheet HTML 6Page - SICK AG 1082476 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WTT12L-A2513 | PowerProx
MULTITASK PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WTT12L-A2513
1082476
Other models and accessories
www.sick.com/PowerProx
Detailed technical data
Features
Functional principle
Photoelectric proximity sensor
Functional principle detail
Background suppression, Optical time-of-flight
Dimensions (W x H x D)
20 mm x 49.6 mm x 44.2 mm
Housing design (light emission)
Rectangular
Sensing range max.
50 mm ... 1,600 mm 1)
Sensing range
100 mm ... 1,600 mm 2)
Distance value
Measuring range 100 mm ... 1,600 mm 1)
Resolution 1 mm
Repeatability 2,7 mm ... 8,0 mm 3) 4) 5)
Accuracy Typ. ± 20 mm, typ. ± 15 mm 6) 7)
Type of light
Visible red light
Light source
Laser 8)
Light spot size (distance)
Ø 11 mm (1,600 mm)
Wave length
658 nm
Laser class
1 (IEC 60825-1 / CDRH 21 CFR 1040.10 & 1040.11)
Adjustment
Single teach-in button (2 x)
1) Object with 6 ... 90% remission (based on standard white, DIN 5033).
2) Adjustable.
3) Equivalent to 1 σ.
4) See characteristic curves repeatability.
5) 6% ... 90% remission factor.
6) 50 ... 1000 mm.
7) 1000 ... 1600 mm.
8) Average service life: 100,000 h at TU = +25 °C.
2
PHOTOELECTRIC SENSORS | SICK
Product data sheet | 2024-02-29 11:24:42
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com