Electronic Components Datasheet Search
  English  ▼

X  

SA100A Datasheet(PDF) 4 Page - ON Semiconductor

Part # SA100A
Description  Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA100A Datasheet(HTML) 4 Page - ON Semiconductor

  SA100A Datasheet HTML 1Page - ON Semiconductor SA100A Datasheet HTML 2Page - ON Semiconductor SA100A Datasheet HTML 3Page - ON Semiconductor SA100A Datasheet HTML 4Page - ON Semiconductor SA100A Datasheet HTML 5Page - ON Semiconductor SA100A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA5V0(C)A - SA170(C)A, Rev. D
Transient Voltage Suppressors
(continued)
Typical Characteristics
0
25
50
75
100
125
150
175
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Lead Temperature [ºC]
0
25
50
75
100
125
150
175
200
0
25
50
75
100
Ambient Temperature [ºC]
12
5
10
20
50
100
10
20
50
100
Number of Cycles at 60Hz
T = T max
8.3ms Single Half Sine-Wave
JEDEC Method
A
A
0
1234
0
50
100
150
Time [ms]
T = 25 C
º
A
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
10/1000
µµµµsec Waveform
as Defined by R.E.A.
tf = 10
µµµµsec
e-kt
Peak Value
Ippm
Half Value-Ipp
2
td
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
Pulse Width [ms]
T = 25 C
º
A
1
5
10
50
100
200
10
20
50
100
200
500
1000
2000
4000
6000
Reverse Voltage, V
R [V]
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (V mw)
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
Figure 3. Pulse Waveform
Figure 4. Total Capacitance - Unidirectional
Figure 5. Steady State Power Derating Curve
Figure 6. Non-Repetitive Surge Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com