Electronic Components Datasheet Search
  English  ▼

X  

P-304-LAB Datasheet(PDF) 6 Page - Cinch Connectivity Solutions, Inc.

Part # P-304-LAB
Description  [.050” (1.27mm) Density Solder Cup/Wire D-Microminiature] Multiple Density Solder Eyelet With Angle Bracket/Less Angle Bracket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

P-304-LAB Datasheet(HTML) 6 Page - Cinch Connectivity Solutions, Inc.

  P-304-LAB Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. P-304-LAB Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. P-304-LAB Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. P-304-LAB Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. P-304-LAB Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. P-304-LAB Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. P-304-LAB Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2400 Series with Hood and 180° Clamp
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
2
N/A
S-2402-CCT
4
P-2404-CCT
S-2404-CCT
6
P-2406-CCT
S-2406-CCT
8
P-2408-CCT
S-2408-CCT
10
P-2410-CCT
S-2410-CCT
12
P-2412-CCT
S-2412-CCT
Dimensions - Plug or Socket
DURA-CON®
High Reliability
All-Plastic
2
2-56
Jones
Plugs/Sockets
Series 2400
Multiple Density
Solder Eyelet
With Hood & 180° Clamp
No. of
L
Cable Opening
Contacts
in
mm
in
mm
2
.625
15.88
.313
7.94
4
1.062
26.99
.438
11.11
6
1.500
38.10
.438
11.11
8
1.937
49.21
.563
14.29
10
2.375
60.33
.563
14.29
12
2.813
71.45
.625
15.88
Marketed exclusively through distribution.
Plug
Socket
Call Toll Free: 1 (800) 323-9612



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com