Electronic Components Datasheet Search
  English  ▼

X  

P-312-LAB Datasheet(PDF) 1 Page - Cinch Connectivity Solutions, Inc.

Part # P-312-LAB
Description  [.050” (1.27mm) Density Solder Cup/Wire D-Microminiature] Multiple Density Solder Eyelet With Angle Bracket/Less Angle Bracket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

P-312-LAB Datasheet(HTML) 1 Page - Cinch Connectivity Solutions, Inc.

  P-312-LAB Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2-39
Call Toll Free: 1 (800) 323-9612
2
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet With Angle
Bracket/Less Angle Bracket
No. of
A
B
C
D
Contacts
in
mm
in
mm
in
mm
in
mm
2
.656
16.67
-
-
.969
24.61
1.219
30.96
3
1.000
25.40
.438
11.11
.750
19.05
1.062
26.99
4
.750
19.05
.688
17.46
1.000
25.40
1.312
33.34
6
1.000
25.40
.688
17.46
1.000
25.40
1.312
33.34
8--
--
--
--
--
--
--
--
10
1.562
39.69
.688
17.46
1.000
25.40
1.312
33.34
12
1.250
31.75
.938
23.81
1.250
31.75
1.562
39.69
15*
1.500
38.10
.938
23.81
1.250
31.75
1.562
39.69
*Special 15 contact arrangement to allow 12-position mating.
L
M
Polarizing
Reference
in
mm
in
mm
Pin
15
1.625
41.28
See note
-
NO
18
1.938
49.23
1.250
31.75
NO
21
2.250
57.15
.938
23.81
NO
24
2.563
65.10
1.250
31.75
14
27
2.875
73.03
1.562
39.69
14
30
3.188
80.98
1.875
47.63
14
33
3.500
88.90
2.188
55.58
17
NOTE: 15-position plug and socket require only two mounting brackets, mounted on center of connector.
With Angle Bracket
Less Angle Bracket
No. of
Catalog No.
Catalog No.
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
Contacts
Plug
Socket
2
P-302-AB
S-302-AB
2
P-302-LAB
S-302-LAB
3
P-303-AB
S-303-AB
3
P-303-LAB
S-303-LAB
4
P-304-AB
S-304-AB
4
P-304-LAB
S-304-LAB
6
P-306-AB
S-306-AB
6
P-306-LAB
S-306-LAB
8
N/A
N/A
8
N/A
N/A
10
P-310-AB
N/A
10
P-310-LAB
N/A
12
P-312-AB
N/A
12
P-312-LAB
N/A
15*
N/A
S-315-12-AB
15
N/A
S-315-12-LAB
15
P-315-AB
S-315-AB
15
P-315-LAB
S-315-LAB
18
P-318-AB
S-318-AB
18
P-318-LAB
S-318-LAB
21
P-321-AB
S-321-AB
21
P-321-LAB
S-321-LAB
24
P-324-AB
S-324-AB
24
P-324-LAB
S-324-LAB
27
P-327-AB
S-327-AB
27
P-327-LAB
S-327-LAB
30
P-330-AB
S-330-AB
30
P-330-LAB
S-330-LAB
33
P-333-AB
S-333-AB
33
P-333-LAB
S-333-LAB
X = length of plug contacts. This dimension does not apply to sockets.
Y = length of plug or socket tails.
Marketed exclusively through distribution.


Similar Part No. - P-312-LAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-312-DB ETC2-P-312-DB Datasheet
45Kb / 1P
300 Series Deep Bracket (DB)
More results

Similar Description - P-312-LAB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
HIGH DENSITY D-SUB SOLDER CUP TERMINATION
logo
Assmann Electronics Inc...
A-HDF15LL-TL-B ASSMANN-A-HDF15LL-TL-B Datasheet
87Kb / 1P
HIGH DENSITY D-SUB SOLDER
logo
Amphenol Corporation
L77HDE15S AMPHENOL-L77HDE15S Datasheet
1Mb / 4P
SOLDER-CUP TERMINATION STANDARD and HIGH DENSITY
logo
List of Unclassifed Man...
P-306-DB ETC2-P-306-DB Datasheet
60Kb / 2P
Multiple Density Solder Eyelet
P302AB ETC2-P302AB Datasheet
85Kb / 4P
Multiple Density Solder Eyelet
logo
Soberton Inc.
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
Solder Eyelet Wire
logo
Molex Electronics Ltd.
1731130148 MOLEX-1731130148 Datasheet
221Kb / 1P
HPD HIGH DENSITY D-SUB, SOLDER CUP, WITH MACHINED MALE CONTACTS
2017/06/07
logo
CONEC Elektronische Bau...
3009W4SAM99N20X CONEC-3009W4SAM99N20X Datasheet
236Kb / 1P
D-SUB COMBINATION FEMALE 9W4S SOLDER CUP with threaded insert and metal bracket
02.12.10
3013W3PAM99N20X CONEC-3013W3PAM99N20X Datasheet
258Kb / 1P
D-SUB COMBINATION MALE 13W3P SOLDER CUP with threaded insert and metal bracket
02.12.10
logo
NorComp
180-026-202L011 NORCOMP-180-026-202L011 Datasheet
124Kb / 2P
DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com