Electronic Components Datasheet Search
  English  ▼

X  

RH73 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # RH73
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RH73 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button RH73 Datasheet HTML 6Page - TE Connectivity Ltd RH73 Datasheet HTML 7Page - TE Connectivity Ltd RH73 Datasheet HTML 8Page - TE Connectivity Ltd RH73 Datasheet HTML 9Page - TE Connectivity Ltd RH73 Datasheet HTML 10Page - TE Connectivity Ltd RH73 Datasheet HTML 11Page - TE Connectivity Ltd RH73 Datasheet HTML 12Page - TE Connectivity Ltd RH73 Datasheet HTML 13Page - TE Connectivity Ltd RH73 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Product Type
Moulded
Moulded
Moulded
Moulded
Moulded
3610
3611
3612
3613
3615
Features
0805, 1008, 1210, 1812 Packages 0805, 1008, 1210, 1812 Packages 0805, 1008, 1210, 1812 Packages 0805, 1008, 1210, 1812 Packages
BoardArea 13mm x 5mm
10μH to 1mH Value Range
10μH to 1mH Value Range
10μH to 1mH Value Range
10μH to 1mH Value Range
0.1μH to 1mH Value Range
Temp.Range -25°C to 100°C
Temp.Range -25°C to 100°C
Temp.Range -25°C to 100°C
Temp.Range -25°C to 100°C
High Current (3.5A)
Moulded Package
Moulded Package
Moulded Package
Moulded Package
Moulded Package
Dip and Wave Solderable
Dip and Wave Solderable
Dip and Wave Solderable
Dip and Wave Solderable
Dip and Wave Solderable
Product Type
High Frequency
High Frequency
High Frequency
High Frequency
High Frequency
3640
3650
3651 / 52 / 53
3670
3680
Features
0402 to 1206 Package Sizes
0603 to 1008 Package Sizes 0805 & 1008 Low Profile (3651) 0603 to 1206 Package Sizes 0402, 0603, 0805 Package Sizes
1μH to 100mH Value (E12 Grid) 1.8nH to 4.7μH Value Range
0603 High Current (3652)
Low DC Resistance
1nH to 470nH Value Range
DC Current 1200mA
DC Current up to 1Amp
0805 & 1008 High Q (3653)
Low Q Factor
DC Current 0.3 Amps
Tolerances down to ±0.2μH
Tolerances down to 2%
Tolerances Down to 2%
High Reliability
Tolerances down to ±0.3 nH
High Self Resonant Frequency
-40°C to 125°C Temp. Range
Up to 2.4A IDC
Range of Tolerances
E12 Value Grid
Product Type
BMB
BMB
BMB
BMB
BMB
A & B Series
R Series
L Series
P & S Series
W Series
Features
0402 to 1812 Package Sizes
0603 to 1206 Package Sizes
0603 to 0805 Package Sizes
0603 to 1812 Package Sizes
0603 Size
10R to 2K7 Impedance
26R to 600R Impedance
30R to 1K5 Impedance
10R to 600R Impedance
120R to 1K0 Impedance
General Purpose Applications
Low Frequency Applications
High Current
High Current
MinimalElectromagneticInterference
High Frequency Applications
Prevents Signal Ringing
Signal Line Applications
Noise Filtering Applications
Minimises Stray Capacitance
DC Current to 0.6A
DC Current to 0.4A
DC Current to 1A
DC Current to 6A
DC Current to 0.2A
Passive Components
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
10
Inductive Products, Moulded
Inductive Products, High Frequency
Inductive Products, Ferrite Beads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com