Electronic Components Datasheet Search
  English  ▼

X  

FCR Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # FCR
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCR Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button FCR Datasheet HTML 8Page - TE Connectivity Ltd FCR Datasheet HTML 9Page - TE Connectivity Ltd FCR Datasheet HTML 10Page - TE Connectivity Ltd FCR Datasheet HTML 11Page - TE Connectivity Ltd FCR Datasheet HTML 12Page - TE Connectivity Ltd FCR Datasheet HTML 13Page - TE Connectivity Ltd FCR Datasheet HTML 14Page - TE Connectivity Ltd FCR Datasheet HTML 15Page - TE Connectivity Ltd FCR Datasheet HTML 16Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Colour
1st
2nd
3rd
Multiplier
Figure
Figure
Figure
Letter
Percent
Black
00
0
1
Brown
1
1
1
10
F
±1%
Red
2
2
2
100
G
±2%
Orange
3
3
3
1,000
Yellow
4
4
4
10,000
Green
5
5
5
100,000
D
±0.5%
Blue
6
6
6
1,000,000
C
±0.25%
Violet
7
7
7
10,000,000
B
±0.1%
Grey
8
8
8
100,000,000
White
9
9
9
1,000,000,000
Gold
0.1
J
±5%
Silver
0.01
K
±10%
None
M
±20%
Tolerance
E Series in accordance with IEC 63
Passive Components
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
14
Colour Code in Accordance with IEC 62
E Series Value Grid
E6
E12 E24 E96
E6
E12
E24 E96
E6
E12 E24 E96
E6
E12 E24 E96
E6
E12 E24 E96
E6
E12 E24
E96
100
100
100
100
147
220
220
220
215
316
470
470
470
464
680
680
680
681
102
150
150
150
150
221
330
330
330
324
475
698
105
154
226
332
487
715
107
160
158
232
340
499
732
110
110
162
240
237
348
510
511
750
750
113
165
243
360
357
523
768
115
169
249
365
536
787
120
120
118
174
255
374
549
820
820
806
121
180
180
178
261
390
390
383
560
560
562
825
124
182
270
270
267
392
576
845
127
187
274
402
590
866
130
130
191
280
412
604
887
133
196
287
422
620
619
910
909
137
200
200
294
430
432
634
931
140
205
300
301
442
649
953
143
210
309
453
665
976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com