Electronic Components Datasheet Search
  English  ▼

X  

TCR Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # TCR
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TCR Datasheet(HTML) 5 Page - TE Connectivity Ltd

  TCR Datasheet HTML 1Page - TE Connectivity Ltd TCR Datasheet HTML 2Page - TE Connectivity Ltd TCR Datasheet HTML 3Page - TE Connectivity Ltd TCR Datasheet HTML 4Page - TE Connectivity Ltd TCR Datasheet HTML 5Page - TE Connectivity Ltd TCR Datasheet HTML 6Page - TE Connectivity Ltd TCR Datasheet HTML 7Page - TE Connectivity Ltd TCR Datasheet HTML 8Page - TE Connectivity Ltd TCR Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Product Type
Foil Low Ohmic
Wire Shunt
Zerohm Link
Carbon Moulded
Ceramic Composition
SBL
OS / OP
ZR
CBT
CCR
Features
4W and 5W Dissipation
Values from R003 to R150
Two Case Sizes
0.25W, 0.5W Dissipation
0.5, 1.0, 2.0W Power Dissipation
R005 to R051 Value Range
2 Different Styles
< 2 milliohm Resistance
2R2 to 22M Value range
Up to 20kV Impulse Withstand
1% or 5% Tolerance
Current Rating to 21A
Dielectric Strength - 500V
E24 - 5% E12 - 10% Tolerance
Tolerance 10%
2KV Dielectric Strength
5% Tolerance as Standard
> 10G Insulation Resistance
Up to 750V Overload
Up to 400V Working Voltage
Essentially Non Inductive
Custom Designs Available
Taped Ammo Pack to IEC286-1
Low Inductance
3R3 to 390K Value Range
Product Type
Power Wirewound
Power Wirewound
Power Wirewound
Power Wirewound
Power Wirewound
SBC / SBCHE
SQP / SQM / SQZ
C3A / C7 / C10 / C14
ER
ES
Features
3W to 40W Dissipation
2W to 25W Dissipation
3W to 14W Dissipation
3W to 14W Dissipation
0.5W to 10W Dissipation
R10 to 22K Value Range
R10 to 150K Value Range
R10 to 100K Value Range
R01 to 100K Value Range
R10 to 3K3 Value Range
10% or 5% Tolerance
5% Tolerance
10%, 5% or 2% Tolerance
Tolerances down to 0.5%
5% Tolerance
Radial and Axial Styles
Radial and Axial Styles
Axial Leaded
Axial and Radial Types
Super Small Size available
2000V Dielectric Strength
Wire or Power Oxide
3W and 7W Ammo Packed
Custom Designs as Required
Taped and Ammo Packed
Product Type
Power Wirewound
Power Wirewound
Power Wirewound
Power Wirewound
Power Wirewound
HS / THS
FC
ME
TG
TT / TK
Features
5W to 300W Dissipation
2W to 8W Dissipation
Up to 500W Dissipation
Up to 293W Dissipation
10W to 1000W Dissipation
R01 to 82K Value Range
R20 to 22K Value Range
R02 to 22K Value Range
R24 to 100K Value Range
R20 to 70K Value Range
Tolerances down to 0.25%
5% or 10% Tolerance
5% or 10% Tolerance
5% or 10% Tolerance
5% or 10% Tolerance
High Voltage Versions
Radial Leads
Fixed or Adjustable
Glass Bond Coated
Fixed or Adjustable
Low Inductance Styles
Two Height Profiles
Range of Terminal Style
6000J Pulse Energy
Range of Mounting Styles
5
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
Passive Components
Resistive Products, Fixed - Leaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com