Electronic Components Datasheet Search
  English  ▼

X  

RN73 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # RN73
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RN73 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button RN73 Datasheet HTML 8Page - TE Connectivity Ltd RN73 Datasheet HTML 9Page - TE Connectivity Ltd RN73 Datasheet HTML 10Page - TE Connectivity Ltd RN73 Datasheet HTML 11Page - TE Connectivity Ltd RN73 Datasheet HTML 12Page - TE Connectivity Ltd RN73 Datasheet HTML 13Page - TE Connectivity Ltd RN73 Datasheet HTML 14Page - TE Connectivity Ltd RN73 Datasheet HTML 15Page - TE Connectivity Ltd RN73 Datasheet HTML 16Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Product Type
NPO Dielectric
X7R / X5R Dielectric
Y5V Dielectric
TYC
TYC
TYC
Features
Ultra Stable
Semi Stable and High K
General Purpose, High K
Low ESR
High Volumetric Efficiency
High Volumetric Efficiency
No Ageing of Capacitance
Extended Voltage Ratings
Non Polar Construction
0201 to 1206 Sizes
0402 to 1206 Sizes
0402 - 1206 Sizes
Tolerances down to ±1%
5% Tolerance Available
20% Tolerance Available
Product Type
Standard
Extended Range
0805 Case Size
Low ESR
TYTS
TYTM
TYTP
TYTR
Features
Full Value Range
Super Compact Size
Super Compact Size
Suited to High Frequency
A, B, C & D Case Sizes
A, B, C & D Case Sizes
Suited to High Density PCB's
B, C & D Case Sizes
4V to 50V Ratings
2.5V to 50V Ratings
2.5V to 25V Ratings
6V to 35V Ratings
10% / 20% Tolerance
10% or 20% Tolerance
10% or 20% Tolerance
10% or 20% Tolerance
RoHS Compliant
RoHS Compliant
RoHS Compliant
RoHS Compliant
13
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
Passive Components
Capacitive Products, Ceramic - Surface Mount
Capacitive Products, Tantalum - Surface Mount
Product Type
85°C
105°C
Long Life
Low Impedance
Organic Conductive Polymer
TYEV
TYEH
TYEL
TYEE
TYOH
Features
-40°C to +85°C
-40°C to +105°C
-40°C to +105°C
-55°C to +105°C
-55°C to +105°C
4.0V to 100V DC
6.3V to 100V DC
6.3V to 50V DC
6.3V to 50V DC
2.5V to 25V DC
2000 Hours Load Life
Up to 3000 Hours Load Life
3000 Hours Load Life
1000 Hours Load Life
2000 Hours Load Life
0.1 to 6800μF Capacitance Range 0.1 to 6800μF Capacitance Range 0.1 to 1000μF Capacitance Range 1.0 to 220μF Capacitance Range 22 to 2700μF Capacitance Range
7 Case Sizes
7 Case Sizes
6 Case Sizes
4 Case Sizes
7 Case Styles
Capacitive Products, Aluminium Electrolytic - Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com