Electronic Components Datasheet Search
  English  ▼

X  

PX2 Datasheet(PDF) 12 Page - Honeywell Accelerometers

Part # PX2
Description  Heavy Duty Pressure Transducers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2 Datasheet(HTML) 12 Page - Honeywell Accelerometers

Back Button PX2 Datasheet HTML 6Page - Honeywell Accelerometers PX2 Datasheet HTML 7Page - Honeywell Accelerometers PX2 Datasheet HTML 8Page - Honeywell Accelerometers PX2 Datasheet HTML 9Page - Honeywell Accelerometers PX2 Datasheet HTML 10Page - Honeywell Accelerometers PX2 Datasheet HTML 11Page - Honeywell Accelerometers PX2 Datasheet HTML 12Page - Honeywell Accelerometers PX2 Datasheet HTML 13Page - Honeywell Accelerometers PX2 Datasheet HTML 14Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
sensing.honeywell.com
PX2 Series
Figure 5. Electrical Connector Type Dimensions (continued)
D
Deutsch
(DTM04-3P)
E Cable Harness, 1 Meter2
F Cable Harness, 2 Meter2
G Cable Harness, 3 Meter2,3
H Cable Harness, 5 Meter2,3
Connector: Deutsch DTM04-3P
Mating Connector: DTM06-3S
IP Rating1: IP65, IP67, IP69K (absolute,
sealed gage versions)
IP65 (vented gage versions)
Connector: 24 AWG with TPE Jacket
Mating Connector: Flying leads
IP Rating1: IP65, IP67, IP69K (absolute, sealed gage versions)
Pin
Voltage
Output
Current
Output
Wire Color
Voltage
Output
Wire Color
Current
Output
1
GND
RTN
red
V+
red
supply
2
Vout
NC
black
GND
black
RTN
3
V+
supply
white
Vout
1
IP rating is determined by the electrical connector type chosen.
2
Three-wire cable is required for ratiometric and regulated outputs; two wire cable is required for current output.
3
Three meter and five meter cables are only available with Output Transfer Function
CH = Current, 4 mA to 20 mA.
Hole
(vented gage
versions only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com