Electronic Components Datasheet Search
  English  ▼

X  

UPW Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # UPW
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

UPW Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button UPW Datasheet HTML 3Page - TE Connectivity Ltd UPW Datasheet HTML 4Page - TE Connectivity Ltd UPW Datasheet HTML 5Page - TE Connectivity Ltd UPW Datasheet HTML 6Page - TE Connectivity Ltd UPW Datasheet HTML 7Page - TE Connectivity Ltd UPW Datasheet HTML 8Page - TE Connectivity Ltd UPW Datasheet HTML 9Page - TE Connectivity Ltd UPW Datasheet HTML 10Page - TE Connectivity Ltd UPW Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Product Type
Professional
Professional
Professional
Professional
470
4265
4275
4295
Features
6mm Single Turn
6mm Single Turn Sealed
6mm Single Turn Sealed
10mm Single Turn Sealed
10R to 1M Value Range
10R to 2M Value Range
10R to 2M Value Range
10R to 2M Value Range
10% Tolerance
0.5W Dissipation
0.5W Dissipation
0.5W Dissipation
0.5W Dissipation
20% Tolerance Standard
10% Tolerance Standard
TCR ±100ppm/°C
Fully Sealed
Three Pin Layouts/Taped Versions Three Pin Layouts/Taped Versions
Five Pin Layouts
Product Type
Economy
Economy
Economy
Economy
Economy
CT6
416
409
CB10
CB15 / CT15
Features
6mm Single Turn
6mm Single Turn
10mm Single Turn
Carbon Element
Carbon Element
200R to 1M Value Range
100R to 1M Value Range
100R to 1M Value Range
100R to 10M Value Range
100R to 4M7 Value Range
0.1W Dissipation
0.2W Dissipation
0.5W Dissipation
0.15W Log /0.25W Lin Dissipation 0.15W Log /0.25W Lin Dissipation
Top and Side Adjust Versions
Top and Side Adjust Versions
100 Cycles Maximum
Long Life Version (>10,000 cycles)
Long Life (>10,000 cycles)
Resin Moulded Technology
Dust and Splash Proof
Dust and Splash Proof
Enclosed Package
Plug in Shaft Available
Product Type
Multiturn
Multiturn
Multiturn
433
4270
4290
Features
19mm Multiturn Sealed
6mm Multiturn Sealed
10mm Multiturn Sealed
10R to 2M Value Range
50R to 2M Value Range
50R to 2M Value Range
0.75W Dissipation
0.25W Dissipation
0.5W Dissipation
15 Electrical Turns
12 Electrical Turns
25 Electrical Turns
Panel Mount Available
Wide Variety of Styles
Wide Variety of Styles
7
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
Passive Components
Resistive Products, Trimmers - Leaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com