Electronic Components Datasheet Search
  English  ▼

X  

CFR Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # CFR
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CFR Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button CFR Datasheet HTML 8Page - TE Connectivity Ltd CFR Datasheet HTML 9Page - TE Connectivity Ltd CFR Datasheet HTML 10Page - TE Connectivity Ltd CFR Datasheet HTML 11Page - TE Connectivity Ltd CFR Datasheet HTML 12Page - TE Connectivity Ltd CFR Datasheet HTML 13Page - TE Connectivity Ltd CFR Datasheet HTML 14Page - TE Connectivity Ltd CFR Datasheet HTML 15Page - TE Connectivity Ltd CFR Datasheet HTML 16Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Product Type
Shielded Power Chokes Shielded Power Chokes Shielded Power Chokes Shielded Power Chokes Shielded Power Chokes
3635
3636
3637
3638
3639
Features
Board Area from 6.6mm x 6.6mm Board Area 7.8mm x 7.5mm
Board Area from 7.5mm x 7.5mm Board Area from 6mm x 6mm Board Area from 8mm x 8mm
Values .054μH to 7.4μH
Values 1.2μH to 5,600μH
Values 10μH to 1,500μH
Values 1μH to 1,000μH
Values 0.8μH to 330μH
Current up to 38 Amps
Current up to 2.6 Amps
Current up to 4.6 Amps
Current up to 3.8 Amps
Current up to 7.8 Amps
From 4.5mm Height
Less than 2.5mm Height
From 4mm Height
From less than 3mm Height
From less than 3mm Height
2 Package Sizes
1 Package Size
3 Package Sizes
3 Package Sizes
5 Package Sizes
Passive Components
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
12
Inductive Products, Power, Surface Mount - Shielded
Product Type
Shielded Power Chokes Shielded Power Chokes Shielded Power Chokes Shielded Power Chokes Shielded Power Chokes
3630
3631
3632
3633
3634
Features
BoardArea from 6.5mm x 4.4mm BoardArea from 12.5mm x 12.5mm BoardArea from 10.5mm x 9.5mm BoardArea from 3.3mm x 3.5mm BoardArea from 3.8mm x 3.8mm
Values 1μH to 10,000μH
Values 1.1μH to 1,500μH
Values 1.5μH to 15,000μH
Values 1μH to 220μH
Values 0.9μH to 1,000μH
Current up to 4.5 Amps
Current up to 10.2 Amps
Current up to 5.6 Amps
Current up to 3.5 Amps
Current up to 4.6 Amps
Less than 3mm Height
From 4mm Height
From 6mm Height
From less than 1mm Height
From less than 1.2mm Height
6 Package Sizes
6 Package Sizes
2 Package Sizes
7 Package Sizes
9 Package Sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com