Electronic Components Datasheet Search
  English  ▼

X  

8ETH06HN3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 8ETH06HN3
Description  Hyperfast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

8ETH06HN3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  8ETH06HN3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 8ETH06HN3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Recovery Diode
8ETH06HN3
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· Low Leakage Current
· High Recovery Time
APPLICATIONS
· AC/DC Inverters
· PFC Circuit
· SMPS
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions
half-wave, single phase, 60Hz)
90
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
TO-220C Package
3
1
2


Similar Part No. - 8ETH06HN3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETH06 IRF-8ETH06 Datasheet
206Kb / 9P
Hyperfast Rectifier
8ETH06 IRF-8ETH06 Datasheet
236Kb / 8P
Hyperfast Rectifier
logo
Vishay Siliconix
8ETH06 VISHAY-8ETH06 Datasheet
116Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
23-Jun-08
8ETH06 VISHAY-8ETH06 Datasheet
116Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
08-Apr-08
logo
International Rectifier
8ETH06 IRF-8ETH06 Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
More results

Similar Description - 8ETH06HN3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
Hyperfast Recovery Rectifier
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
Hyperfast Recovery Rectifier
HFR60A06PD YENYO-HFR60A06PD Datasheet
1,011Kb / 3P
Hyperfast Recovery Rectifier
logo
Pan Jit International I...
ERT802 PANJIT-ERT802 Datasheet
114Kb / 4P
Hyperfast recovery time
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F_15 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
Vishay Siliconix
VS-8ETX06PBF VISHAY-VS-8ETX06PBF Datasheet
199Kb / 9P
Hyperfast recovery time
13-May-16
logo
Thinki Semiconductor Co...
HFA08TB60S THINKISEMI-HFA08TB60S Datasheet
2Mb / 3P
8Amperes,600Volts SwitchMode Hyperfast Recovery Epitaxial Diode
logo
Vishay Siliconix
VS-E4PH6006LHN3 VISHAY-VS-E4PH6006LHN3 Datasheet
161Kb / 6P
Hyperfast Soft Recovery Diode, 60 A FRED Pt® Gen 4
23-Feb-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com