Electronic Components Datasheet Search
  English  ▼

X  

D10FR60V Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D10FR60V
Description  General Rectifying Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D10FR60V Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D10FR60V Datasheet HTML 1Page - Inchange Semiconductor Company Limited D10FR60V Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Rectifying Diode
D10FR60V
www.iscsemi.com
1
FEATURES
· Low Leakage Current
· Permit High Current With a Small Package
APPLICATIONS
· Switching Power Supply (SPS)
· Telecommunication
· DC/DC Converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions
half-wave, single phase, 50Hz)
200
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.9
℃
/W


Similar Part No. - D10FR60V

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10FR60V SHINDENGEN-D10FR60V Datasheet
1Mb / 6P
General Rectifying Diodes 600V, 10A
More results

Similar Description - D10FR60V

ManufacturerPart #DatasheetDescription
logo
Rohm
RR264M-400TR ROHM-RR264M-400TR Datasheet
111Kb / 4P
Rectifying diode
RR264MM-400 ROHM-RR264MM-400 Datasheet
598Kb / 5P
Rectifying Diode
RR1LAM4S ROHM-RR1LAM4S Datasheet
824Kb / 7P
Rectifying Diode
RR1LAM6S ROHM-RR1LAM6S Datasheet
827Kb / 7P
Rectifying Diode
RR1LAM6STF ROHM-RR1LAM6STF Datasheet
918Kb / 8P
Rectifying Diode
RR2LAM4S ROHM-RR2LAM4S Datasheet
760Kb / 7P
Rectifying Diode
RR2LAM4STF ROHM-RR2LAM4STF Datasheet
912Kb / 8P
Rectifying Diode
RR2LAM6S ROHM-RR2LAM6S Datasheet
761Kb / 7P
Rectifying Diode
RR2LAM6STF ROHM-RR2LAM6STF Datasheet
918Kb / 8P
Rectifying Diode
RR264MM-400TF ROHM-RR264MM-400TF_16 Datasheet
897Kb / 7P
Rectifying Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com