Electronic Components Datasheet Search
  English  ▼

X  

LMV232 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV232
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV232 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV232 Datasheet HTML 5Page - Texas Instruments LMV232 Datasheet HTML 6Page - Texas Instruments LMV232 Datasheet HTML 7Page - Texas Instruments LMV232 Datasheet HTML 8Page - Texas Instruments LMV232 Datasheet HTML 9Page - Texas Instruments LMV232 Datasheet HTML 10Page - Texas Instruments LMV232 Datasheet HTML 11Page - Texas Instruments LMV232 Datasheet HTML 12Page - Texas Instruments LMV232 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PA1
ANTENNA
RFIN1
LMV232
RF
INPUT
OUT
R1
6.2 k:
RFIN2
PA2
RF
INPUT
FB
BS
SD
VDD
GND
A3
B3
C1
B1
A1
C3
C2
A2
R3
50:
C1
1.5 nF
COUPLER
COUPLER
TO BASEBAND
R2
50:
LMV232
www.ti.com
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
Figure 21. Typical Application
The detection curves of Figure 22 show the detector response to RF input power. To show the complete dynamic
range on a logarithmic scale, the pedestal voltage (VPEDESTAL) is subtracted from the output. The pedestal
voltage is defined as the output voltage in the absence of an RF input signal (at 25°C). The best-fit ideal mean
square response is represented by the fitted curve in Figure 22. The input referred error of the detection curves
with respect to this best-fit mean square response is determined as follows:
•
Determine the best-fit mean square response.
•
Determine the output referred error between the actual detector response and the ideal mean square
response.
•
Translate the output referred error to an input referred error.
Figure 22. Detection Curve
The best-fit linear curve is obtained from the detector response by means of linear regression. The output
referred error is calculated with the formula:
ErrordBV = 20*log[ (VOUT-VPEDESTAL)/(KDET*PIN) ]
Where,
Conversion gain of the ideal fitted curve KDET is in V/mW and the RF input power PIN in mW.
To translate this output referred error (in dB) to an input referred error, it has to be divided by a factor of 2. This
is due to the mean square characteristic of the device. The response of a mean square detector changes by 2
dB for every dB change of the input power. Figure 23 depicts the resulting curve.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com