Electronic Components Datasheet Search
  English  ▼

X  

LMV242 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV242
Description  LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV242 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV242 Datasheet HTML 9Page - Texas Instruments LMV242 Datasheet HTML 10Page - Texas Instruments LMV242 Datasheet HTML 11Page - Texas Instruments LMV242 Datasheet HTML 12Page - Texas Instruments LMV242 Datasheet HTML 13Page - Texas Instruments LMV242 Datasheet HTML 14Page - Texas Instruments LMV242 Datasheet HTML 15Page - Texas Instruments LMV242 Datasheet HTML 16Page - Texas Instruments LMV242 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PA2
COUPLER
ANTENNA
50:
RFIN
OUT2
LMV242
PIN2
VRAMP
DETECTOR
ERROR AMP1
IDET
IRAMP
COMP1
VAPC2
C
V/I
ERROR AMP2
BS
PA1
PIN1
VAPC1
COMP2
OUT1
SWITCH
-
-
+
+
+
LMV242
www.ti.com
SNWS014C – APRIL 2004 – REVISED MAY 2013
Figure 25. PA Control Loop
We will assume initially that the output of the PA is at some low level and that the VRAMP voltage is at 1V. The V/I
converter converts the VRAMP voltage to a sinking current IRAMP. This current can only come from the integrator
capacitor C. Current flow from this direction increases the output voltage of the integrator. The output voltage,
which drives the VAPC of the PA, increases the gain (we assume that the PA’s gain control input has a positive
sense, that is, increasing voltage increases gain). The gain will increase, thereby increasing the amplifier’s output
level until the detector output current equals the ramp current IRAMP. At that point, the current through the
capacitor will decrease to zero and the integrator output will be held constant, thereby settling the loop. If
capacitor charge is lost over time, output voltage will decrease. However, this leakage will quickly be corrected
by additional current from the detector. The loop stabilizes to IDET = IRAMP thereby creating a direct relation
between the VRAMP set voltage and the PA output power, independent of the PA's VAPC-POUT characteristics.
Power Control Over Wide Dynamic Range
The circuit as described so far, has been designed to produce a temperature independent output power level. If
the detector has a high dynamic range, the circuit can precisely set PA output levels over a wide power range.
To set a PA output power level, the reference voltage, VRAMP, is varied. To estimate the response of POUT vs.
VRAMP, PIN vs. VRAMP of the LMV242 should be known (POUT = PIN + attenuation as discussed in ATTENUATION
BETWEEN COUPLER AND LMV242 DETECTOR).
The relation between PIN and VRAMP can be constructed out of 2 curves:
•
ICOMP vs, VRAMP
•
VOUT vs. RF Input Power (detection curve)
IOUT can be calculated by dividing the VOUT of the detection curve by the feedback resistor used for measuring.
With the knowledge that ICOMP = IOUT in a closed loop the resulting function PIN vs. VRAMP is shown in Figure 26.
Extra attenuation should be inserted between PA output and LMV242’s PIN to match their dynamic ranges.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com