Electronic Components Datasheet Search
  English  ▼

X  

SW3110B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3110B
Description  EXTERNAL DESKTOP POWER SUPPLY 5VDC 12.5WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3110B Datasheet(HTML) 1 Page - TT Electronics.

  SW3110B Datasheet HTML 1Page - TT Electronics. SW3110B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 5VDC 12.5WATT
POWERPAX: SW3110B
© TT Electronics plc
ISS.3 22/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C8 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
Our Range of 12.5 watt AC/DC switch mode power supplies provide 12.5 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW3110B
Input Voltage Range
90 → 264 Vac
Input Frequency Range
47 → 63Hz
Input Connector
IEC 320-C8
Input Current Rated
400mA Rms Max
Inrush current
50A
Efficiency
80.20% mins
Input Power (Output: No Load)
0.1W
Output Voltage Rating
5Vdc
Output Current Range
2.5A
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Line and Load Regulation
Line ≦2% load ≦10%
Over Voltage Protection
AUTO RECOVERY
Over Load Protection
AUTO RECOVERY
Short Circuit Protection
THE ADAPTOR SHALL NOT DAMAGE BY SHORT TO THE DC
OUTPUT GROUND
Ripple Voltage
150 mV (p-p)
Hi-Pot
3000 Vac 10mA 1 min
Safety Approved
CE-LVD,CUL,EN60950,UL 60950-1
EMI Standard
MEE TVCCI class B , FCC class B , CISPR 22 class B
Operating Temperature Range
0°C → +40 °C
Storage Temperature
-20°C → 65°C
Operating Humidity
5% to 95%
Storage Humidity
5% to 95%
Dimensions
(L) 75 x (W) 50.6 x (H) 29.8mm
Product Weight
109g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3110B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3111B TTELEC-SW3111B Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 9VDC 14.4WATT
29/05/2020
SW3113-C2 TTELEC-SW3113-C2 Datasheet
237Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 15WATT
07/12/2022
SW3114-B TTELEC-SW3114-B Datasheet
243Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 24WATT
22/05/2020
SW3114LUG-B TTELEC-SW3114LUG-B Datasheet
235Kb / 2P
INSTALLATION WALL MOUNT POWER SUPPLY 12VDC 2A
18/10/2021
SW3115-C2 TTELEC-SW3115-C2 Datasheet
318Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 15VDC 15WATT
22/05/2020
More results

Similar Description - SW3110B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
5VDC, 3A, 15W Switching Power Supply
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
5Vdc, 3A, 15W Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com