Electronic Components Datasheet Search
  English  ▼

X  

SW3346 Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3346
Description  MULTI VOLTAGE INTERNATIONAL POWER SUPPLY 36 WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3346 Datasheet(HTML) 1 Page - TT Electronics.

  SW3346 Datasheet HTML 1Page - TT Electronics. SW3346 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW3346
© TT Electronics plc
ISS.3 27/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Interchangeable AC Heads
•
1 Year Warranty
•
Level VI Efficiency
•
Worldwide Approvals
Description:
Our range of 36 Watt Interchangeable wall plug power supplies provide 36 watts of continuous power with the flexibility of
worldwide usage as they are supplied with UK, Euro, USA & Auz AC Heads , all Efficiency Level VI and carry worldwide
safety approvals.
Specification
Part Code
SW3346
Input Voltage Range
90-264 Vac
Input Frequency Range
50-60Hz
No Load Power Consumption
<0.3W
Input AC Heads
UK, Euro, USA & Auz
Output Voltage
5V - 24V
Output Current
1.5A - 3.0A
Total Output Power
36W
Efficiency
Compliant with EUP
Protections
Over Current
Over Voltage
Over Power
Short-Circuit
Operating Temperature
0 to 25°C
Storage Temperature
-20 to +60°C
Operating Humidity
20 to 85%
Storage Humidity
10 to 90%
Hi-Pot
3000VAC 10mA 1min
Safety Standard
EN60950
EMC Standard
CE
MTBF
50K Hours
Size mm max.
136 (L) x 68 (W) x 37(H)
Weight
Output Voltage (V)
5.0 6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Output Current (A)
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 2.7 2.5 2.4 2.2 2.1 2.0 1.88
1.8 1.7 1.63 1.56 1.5


Similar Part No. - SW3346

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW33 ALPHAWIRE-SW33 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
TT Electronics.
SW3315 TTELEC-SW3315 Datasheet
344Kb / 2P
OPEN FRAME POWER SUPPLY 12VDC 12WATT
18/06/2020
logo
AUK corp
SW3317E-G AUK-SW3317E-G Datasheet
278Kb / 6P
High Brightness White LED Lamp
logo
KODENSHI_AUK CORP.
SW3317E-G KODENSHI-SW3317E-G Datasheet
292Kb / 3P
LAMP LED
logo
TT Electronics.
SW3318-C-A TTELEC-SW3318-C-A Datasheet
300Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 30WATT
22/05/2020
More results

Similar Description - SW3346

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
MULTI-POWER SUPPLY
logo
Sanyo Semicon Device
LA5603 SANYO-LA5603 Datasheet
117Kb / 5P
Multi-function, Multiple Voltage Power Supply
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
logo
Infineon Technologies A...
TLE6361G INFINEON-TLE6361G Datasheet
696Kb / 57P
Multi-Voltage Processor Power Supply
Rev. 1.31 1 2004-10-12
TLE6368 INFINEON-TLE6368 Datasheet
421Kb / 58P
Multi-Voltage Processor Power Supply
Rev. 1.32 2004-10-15
TLE6368-G2 INFINEON-TLE6368-G2 Datasheet
1Mb / 60P
Multi-Voltage Processor Power Supply
Rev. 2.3, May 2009
TLE6361G INFINEON-TLE6361G_05 Datasheet
1Mb / 57P
Multi-Voltage Processor Power Supply
Rev. 2.0 2005-03-01
TLE6368 INFINEON-TLE6368_06 Datasheet
548Kb / 59P
Multi-Voltage Processor Power Supply
Rev. 2.2, 2006-12-01
logo
TRACO Electronic AG
TMW36 TRACOPOWER-TMW36 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 36 Series, 36 Watt
Rev. November 30, 2022
TMW36P TRACOPOWER-TMW36P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 36P Series, 36 Watt
Rev. November 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com