Electronic Components Datasheet Search
  English  ▼

X  

SW3783E Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3783E
Description  EXTERNAL DSEKTOP POWER SUPPLY 12VDC 60WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3783E Datasheet(HTML) 1 Page - TT Electronics.

  SW3783E Datasheet HTML 1Page - TT Electronics. SW3783E Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STONTRONICS: SW3783E
© TT Electronics plc
ISS.3 04/11/2019 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
The Stontronics Range of 60 watt AC/DC switch mode power supplies provide 60 watts of continuous output power in a high
quality compact enclosure suitable for many general power applications.
Specification
Part Number
SW3783E
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C14
Input Current Rated
1.5A
Inrush Current
150A Cool start 230Vac
Efficiency
88% Min
Input Power (Output: No Load)
0.21W
Output Voltage Rating
12VDC
Output Current Range
5A
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm Centre Positive - Straight angle
Line and Load Regulation
+/-5%
Over Load Protection
Auto-recovery
Short Circuit Protection
The power supply shall have self-limiting protection. This pro-
tection can withstand a continuous output short without
damaged, and auto-recovery operation after the short is re-
moved.
Ripple Voltage
150 mV (p-p)
Hi-Pot
1500Vac or 2121VDC 10mA 1 min
Safety Approved
UL/CUL,TUV-GS,CCC,BSMI,PSB,IS13252(Part 1)PSE,KC-MARK
EMI Standard
FCC Part 15, Class B
RoHS
Operating Temperature Range
+ 0° ~ +40°C
Storage Temperature
- 40°C ~ +80°C
Operating Humidity
20-98%
Storage Humidity
20-98%
Dimensions
118mm*51.4mm*34mm
Product Weight
275g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3783E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3784-B TTELEC-SW3784-B Datasheet
293Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 65WATT
More results

Similar Description - SW3783E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CINCON ELECTRONICS Corp...
LDP60 CINCON-LDP60 Datasheet
294Kb / 3P
60WATT OUTPUT LED POWER SUPPLY
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com