Electronic Components Datasheet Search
  English  ▼

X  

SW3784-B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3784-B
Description  EXTERNAL DSEKTOP POWER SUPPLY 24VDC 65WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3784-B Datasheet(HTML) 1 Page - TT Electronics.

  SW3784-B Datasheet HTML 1Page - TT Electronics. SW3784-B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW3784-B
© TT Electronics plc
ISS.3 01/10/2021 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL, CUL, GS, PSE, BSMI, CB
UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our Range of 65 watt AC/DC switch mode power supplies provide 65 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW3784-B
Input Voltage Range
100→ 240 V ac
Input Frequency Range
50 → 60Hz
Input Connector
Standard 3 pin IEC C14 input connector
Input Current Rated
1.4A Max.
Inrush Current
80A Max. / 240Vac (Cold start at 25 ºC,full load)
Efficiency
88% Min
Input Power (Output: No Load)
<0.21 W ( At 230Vac & No load)
Output Voltage Rating
24Vdc
Output Current Range
2.71A Max.
Output Min Current
0.0A
Output Connection Type
2.1 x 5.5 x 12 mm Centre Positive – straight
Line and Load Regulation
+/-5%
Over Voltage Protection
V out * 150% Max.
Over Load Protection
I out * 180% Max.
Short Circuit Protection
Automatic recovery after short-circuit fault being removed
Ripple Voltage
240mV
Hi-Pot
3000Vac 10mA
Safety Approved
UL,CUL,EN,GS,PSE,BSMI,CB,(UKCA pending)
EMI Standard
FCC Class B, CE
Operating Temperature Range
0°C → +40 °C
Storage Temperature
-20°C → 80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
(L) 115mm x (W) 53mm x (H) 38mm
Product Weight
280g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3784-B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3783E TTELEC-SW3783E Datasheet
307Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 12VDC 60WATT
04/11/2019
More results

Similar Description - SW3784-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
Contec Co., Ltd
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
CPS-PWD-90AW24-01 CONTEC-CPS-PWD-90AW24-01 Datasheet
372Kb / 2P
24VDC AC-DC Power Supply Unit
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
logo
NHP Electrical Engineer...
2080-PS120-240VAC NHP-2080-PS120-240VAC Datasheet
584Kb / 1P
M800 POWER SUPPLY 110-240VAC TO 24VDC 1.6A
6 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com