Electronic Components Datasheet Search
  English  ▼

X  

SW3938-D Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3938-D
Description  LUGGED POWER SUPPLY 12VDC 18WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3938-D Datasheet(HTML) 1 Page - TT Electronics.

  SW3938-D Datasheet HTML 1Page - TT Electronics. SW3938-D Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LUGGED POWER SUPPLY
12VDC 18WATT
POWERPAX: SW3938-D
© TT Electronics plc
ISS.3 01/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Lugged case for fixing to flat surface
•
C8 Input Connector
•
1 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL & CE
Description:
Our Range of 18 Watt AC/DC switch mode power supplies provide 18 Watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW3938-D
Input Voltage Range
90 → 264 Vac
Input Frequency Range
47 → 63 Hz
Input Connector
IEC-320-C8
Input Current (RMS Max.)
370mA typical (400mA max)
Inrush Current
50A Max
Leakage Current
shall not exceed 0.25mA
Efficiency
85% Min
Input Power (Output: No Load)
<0.1W
Output Voltage Rating
12 VDC
Output Current Range
1.5A
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm Centre positive – Straight
Line Regulation
+/-5%
Total Output Regulation
+/-5 % at 0—100% load
Over Voltage Protection
Auto Recovery
Over Load Protection
Auto Recovery
Short Circuit Protection
The adaptor shall not damage by short to the DC Output Ground
Ripple Voltage
120 mV (p-p)
Hi-Pot
3000Vac 10mA 1 min. (I.P. to O.P.)
Safety Approved
UL & CE
EMI Standard
VCCI class B, FCC Class B, CE
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +65°C
Operating Humidity
5% to 95%
Storage Humidity
5% to 95%
Dimensions
92.2(L) x 49.2(W) x 26(H) mm
Product Weight
135g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3938-D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3923C TTELEC-SW3923C Datasheet
268Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 65WATT
01/10/2021
More results

Similar Description - SW3938-D

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H BRIGHT-BWL-3A4A01H Datasheet
229Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
BWL-3A4A01H-H1 BRIGHT-BWL-3A4A01H-H1 Datasheet
244Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
90 - 264Vac input; 12Vdc output; 200W Output Power
logo
OptoSupply Internationa...
OSBBXX OPTOSUPPLY-OSBBXX Datasheet
104Kb / 3P
Voltages available 12VDC
logo
Diodes Incorporated
AL8807EV4 DIODES-AL8807EV4 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
logo
CamdenBoss Ltd.
400-011 CAMDENBOSS-400-011 Datasheet
329Kb / 1P
400 series lugged cable entry boxes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com