Electronic Components Datasheet Search
  English  ▼

X  

TSS42L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSS42L
Description  0.2Amp Surface Mount Schottky Barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS42L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSS42L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS42L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
TSS42L/TSS43L
0.2Amp Surface Mount Schottky Barrier
Diode
1005
Features
Designed for mounting on small surface
Extremely thin/leadless package
Low capacitance
Low forward voltage drop
High temperature soldering:
260
oC/10 seconds at terminals
Chip version in 1005
Mechanical Data
Case: 1005 Standard package, molded plastic
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
Polarity: Indicated by cathode band
Mounting position: Any
Package code: RW
Weight: 0.006 gram (approximately)
ITEM
1005
L
0.102(2.60)
0.095(2.40)
W
0.051(1.30)
0.043(1.10)
T
0.035(0.90)
0.027(0.70)
C
0.020(0.50)
Typical
D
0.040(1.00)
Typical
Dimensions in inches and (millimeters)
Maximum Ratings
TA=25
oC unless otherwise specified
Type Number
Symbol
1005
Units
Repetitive Peak Reverse Voltage
VRRM
30
V
Reverse Voltage
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Forward Current
IO
200
mA
Repetitive Peak Forward Current
IFRM
0.5
A
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
IFSM
400
mA
Power Dissipation
Pd
200
mW
Forward Voltage
TSS42L/43L
IF=200mA
TSS42L
IF=10mA
TSS42L
IF=50mA
TSS43L
IF=2mA
TSS43L
IF=15mA
VF
1.0
0.4
0.65
0.33
0.45
V
Reverse Leakage Current
VR=25V
IR
0.5
uA
Typical capacitance between terminals
VR=1V, f =1.0MHz reverse voltage
CJ
10
pF
Reverse Recovery Time
(IF=IR=10mA, Irr=0.1x IR, RL=100
Ώ)
Trr
5
nS
Junction Temperature
TJ
-55 to + 125
oC
Storage Temperature
TSTG
-55 to + 125
oC
Version: A07


Similar Part No. - TSS42L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42L TSC-TSS42L Datasheet
174Kb / 4P
Surface Mount Schottky
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
Surface Mount Schottky
More results

Similar Description - TSS42L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS40L TSC-TSS40L Datasheet
72Kb / 2P
0.2Amp Surface Mount Schottky Barrier
TSS42U TSC-TSS42U Datasheet
81Kb / 2P
0.2Amp Surface Mount Schottky Barrier
TSS54L TSC-TSS54L Datasheet
72Kb / 2P
0.2Amp Surface Mount Schottky Barrier
TSS54U TSC-TSS54U Datasheet
72Kb / 2P
0.2Amp Surface Mount Schottky Barrier Diode
TSS70U TSC-TSS70U Datasheet
73Kb / 2P
0.2Amp Surface Mount Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS481J SECOS-SCS481J Datasheet
885Kb / 2P
Plastic-Encapsulate Diodes 0.2AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSS40U TSC-TSS40U Datasheet
73Kb / 2P
0.2Amp Surface Mount Schottky Barrier Diode
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS0230U TSC-TSS0230U Datasheet
50Kb / 1P
0.2Amp Surface Mount Schottky Barrier Diode
TSS0230LU TSC-TSS0230LU Datasheet
140Kb / 3P
0.2Amp Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com