Electronic Components Datasheet Search
  English  ▼

X  

CFB2-6 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CFB2-6
Description  Filter Coils < SMD Type: CFB Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CFB2-6 Datasheet(HTML) 2 Page - Sumida Corporation

  CFB2-6 Datasheet HTML 1Page - Sumida Corporation CFB2-6 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CFB2-6
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Filter Coils < SMD Type: CFB Series>
◆
Specification (Part No: 4562-T015)
Item
Specification.
Input impedance
(Rin)
100Ω
Output impedance
(Rout)
1000Ω
Center frequency
24kHz
Band width
(-3dB)
8.0kHz±1.5kHzWithin
Attenuation
15kHz
8.5dB Min.
35 kHz
7.5 dB Min.
Insertion loss
24 kHz
6.0dB Max.
Group delay time
24kHz±2.5kHz
10µS Max.
Frequency Response (Attenuation 0dB at 24KHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com