Electronic Components Datasheet Search
  English  ▼

X  

MP2456 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2456
Description  0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2456 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2456 Datasheet HTML 4Page - Monolithic Power Systems MP2456 Datasheet HTML 5Page - Monolithic Power Systems MP2456 Datasheet HTML 6Page - Monolithic Power Systems MP2456 Datasheet HTML 7Page - Monolithic Power Systems MP2456 Datasheet HTML 8Page - Monolithic Power Systems MP2456 Datasheet HTML 9Page - Monolithic Power Systems MP2456 Datasheet HTML 10Page - Monolithic Power Systems MP2456 Datasheet HTML 11Page - Monolithic Power Systems MP2456 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP2456 – 0.5A, 50V, 1.2MHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2456 Rev. 1.01
www.MonolithicPower.com
8
1/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
BST
Bootstrap. Connect a capacitor between the SW and BST pins to form a floating supply across
the power switch driver. This capacitor drives the power switch’s gate above the supply voltage.
2
GND
Ground. Voltage reference for the regulated output voltage. Requires special layout
considerations. Isolate this node from the D1 to C1 ground path to prevent switching current
spikes from inducing.
3
FB
Feedback. Sets the output voltage. Connect to the tap of an external resistor divider from the
output to GND. The frequency foldback comparator lowers the oscillator frequency when the FB
voltage is below 250mV to prevent current-limit runaway during a short-circuit fault.
4
EN
On/Off. Pull EN above 1.35V to turn the device ON. For automatic enable, connect to VIN using
a resistor. Note that make sure the sink current of EN pin not exceed 100μA.
5
IN
Supply Voltage. The MP2456 operates from a 4.5V-to-50V unregulated input. Requires C1 to
prevent large voltage spikes from appearing at the input.
6
SW
Switch Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com