Electronic Components Datasheet Search
  English  ▼

X  

TSS70L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSS70L
Description  0.07Amp Surface Mount Schottky Barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS70L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSS70L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS70L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
TSS70L
0.07Amp Surface Mount Schottky Barrier
Diode
1005
Features
Designed for mounting on small surface
Extremely thin/leadless package
Low capacitance
Low forward voltage drop
High temperature soldering:
260
oC/10 seconds at terminals
Chip version in 1005
Mechanical Data
Case: 1005 Standard package, molded plastic
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
Polarity: Indicated by cathode band
Mounting position: Any
Package code: RW
Weight: 0.006 gram (approximately)
ITEM
1005
L
0.102(2.60)
0.095(2.40)
W
0.051(1.30)
0.043(1.10)
T
0.035(0.90)
0.027(0.70)
C
0.020(0.50)
Typical
D
0.040(1.00)
Typical
Dimensions in inches and (millimeters)
Maximum Ratings
TA=25
oC unless otherwise specified
Type Number
Symbol
1005
Units
Repetitive Peak Reverse Voltage
VRRM
70
V
Reverse Voltage
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Average Forward Current
IO
70
mA
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
IFSM
100
mA
Power Dissipation
Pd
200
mW
Forward Voltage
IF=1mA
IF=15mA
VF
0.41
1.0
V
Reverse Leakage Current
VR=50V
IR
0.1
uA
Typical capacitance between terminals
VR=0V, f =1.0MHz reverse voltage
CJ
2
pF
Reverse Recovery Time
(IF=IR=10mA, Irr=0.1x IR, RL=100
Ώ)
Trr
5
nS
Junction Temperature
TJ
-65 to + 125
oC
Storage Temperature
TSTG
-65 to + 125
oC
Version: A07


Similar Part No. - TSS70L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS70L TSC-TSS70L Datasheet
179Kb / 4P
Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
Surface Mount Schottky
More results

Similar Description - TSS70L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
SS0840WS PANJIT-SS0840WS_16 Datasheet
212Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com