Electronic Components Datasheet Search
  English  ▼

X  

LP38843 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38843
Description  LP38843 3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38843 Datasheet(HTML) 1 Page - Texas Instruments

  LP38843 Datasheet HTML 1Page - Texas Instruments LP38843 Datasheet HTML 2Page - Texas Instruments LP38843 Datasheet HTML 3Page - Texas Instruments LP38843 Datasheet HTML 4Page - Texas Instruments LP38843 Datasheet HTML 5Page - Texas Instruments LP38843 Datasheet HTML 6Page - Texas Instruments LP38843 Datasheet HTML 7Page - Texas Instruments LP38843 Datasheet HTML 8Page - Texas Instruments LP38843 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
OUT
S/D
0.1 PF
10 PF
Ceramic
OUT
S/D
GND
IN
BIAS
LP38843
IN
BIAS
5V
± 10%
GND
GND
4.7 PF
*
LP38843
www.ti.com
SNVS290C – DECEMBER 2004 – REVISED APRIL 2013
LP38843 3A Ultra Low Dropout Linear Regulators
Stable with Ceramic Output Capacitors
Check for Samples: LP38843
1
FEATURES
DESCRIPTION
The
LP38843
is
a
high-current,
fast-response
2
•
Ideal for Conversion From 1.8V or 1.5V Inputs
regulator
which
can
maintain
output
voltage
•
Designed for use with low ESR Ceramic
regulation with minimum input to output voltage drop.
Capacitors
Fabricated on a CMOS process, the device operates
•
0.8V, 1.2V and 1.5V Standard Voltages
from two input voltages: Vbias provides voltage to
drive the gate of the N-MOS power transistor, while
Available
Vin is the input voltage which supplies power to the
•
Ultra Low Dropout Voltage (210mV at 3A typ)
load. The use of an external bias rail allows the part
•
1.5% Initial Output Accuracy
to operate from ultra low Vin voltages. Unlike bipolar
•
Load Regulation of 0.1%/A (Typical)
regulators,
the
CMOS
architecture
consumes
extremely low quiescent current at any output load
•
30nA Quiescent Current in Shutdown (Typical)
current. The use of an N-MOS power transistor
•
Low Ground Pin Current at all Loads
results in wide bandwidth, yet minimum external
•
Over Temperature/Over Current Protection
capacitance is required to maintain loop stability.
•
Available in 5 Lead TO-220 and DDPAK/TO-263
The fast transient response of these devices makes
Packages
them
suitable
for
use
in
powering
DSP,
Microcontroller Core voltages and Switch Mode
•
−40°C to +125°C Junction Temperature Range
Power Supply post regulators. The parts are available
in TO-220 and DDPAK/TO-263 packages.
APPLICATIONS
Dropout Voltage: 210 mV (typ) at 3A load current.
•
ASIC Power Supplies In:
–
Desktops, Notebooks, and Graphics Cards,
Quiescent Current: 30 mA (typ) at full load.
Servers
Shutdown Current: 30 nA (typ) when S/D pin is low.
–
Gaming Set Top Boxes, Printers and
Precision Output Voltage: 1.5% room temperature
Copiers
accuracy.
•
Server Core and I/O Supplies
•
DSP and FPGA Power Supplies
•
SMPS Post-Regulator
TYPICAL APPLICATION CIRCUIT
* Minimum value required if Tantalum capacitor is used (see Application Hints).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38843

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38843 TI-LP38843 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38843S-0.8 NSC-LP38843S-0.8 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843S-1.2 NSC-LP38843S-1.2 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38843S-1.2 TI-LP38843S-1.2 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38843

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38842 NSC-LP38842 Datasheet
626Kb / 11P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842-ADJ TI-LP38842-ADJ_15 Datasheet
846Kb / 15P
1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com