Electronic Components Datasheet Search
  English  ▼

X  

LP3992 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3992
Description  LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3992 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3992 Datasheet HTML 11Page - Texas Instruments LP3992 Datasheet HTML 12Page - Texas Instruments LP3992 Datasheet HTML 13Page - Texas Instruments LP3992 Datasheet HTML 14Page - Texas Instruments LP3992 Datasheet HTML 15Page - Texas Instruments LP3992 Datasheet HTML 16Page - Texas Instruments LP3992 Datasheet HTML 17Page - Texas Instruments LP3992 Datasheet HTML 18Page - Texas Instruments LP3992 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
IN
GND
OUT
CAP
CIN
COUT
2
VIN
GND
VEN
VOUT
GND
4
5
3
1
EN
LP3992
www.ti.com
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
9.2.3 Application Curves
Figure 16. Load Transient Response
Figure 17. Load Transient Response
10 Power Supply Recommendations
The LP3992 is designed to operate from an input voltage supply range from 1.9 V to 5.2 V.
11 Layout
11.1 Layout Guidelines
The dynamic performance of the LP3992 is dependant on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the device.
Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP3992 and as close
as is practical to the package. The ground connections for CIN and COUT must be routed back to the LP3992
GND pin using as wide and as short a copper trace as is practical.
Avoid layout connections that have any combination of long trace length, narrow trace width, or vias. These add
parasitic inductances and resistance that result in inferior performance, especially during transient conditions.
11.2 Layout Example
Figure 18. LP3992 Layout Example
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com