Electronic Components Datasheet Search
  English  ▼

X  

LP5522 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP5522
Description  Programmable LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5522 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 5Page - Texas Instruments LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments LP5522 Datasheet HTML 12Page - Texas Instruments LP5522 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Command entering
period
Blank period
CTRL
LED
To Standby
Programmed sequence
Command entering
period
Blank period
CTRL
LED
To Standby
Programmed sequence
Command entering
period
Blank period
CTRL
LED
To Standby
Command entering
period
Blank period
Programmed sequence
CTRL
LED
To Standby
LP5522
www.ti.com
SNVS488A – JUNE 2007 – REVISED MARCH 2013
In non-programmed mode LED is on as long as CTRL is kept high. When CTRL signal is set low device goes
into Standby mode.
RUN ONCE COMMAND
Programmed blinking sequence is performed once after Run Once command. Four rising edges of CTRL signal
within command entering period is interpreted as Run Once command. If CTRL is kept high after command
entering period the programmed blinking sequence starts right after the blank period has elapsed. CTRL signal
must stay high as long as programmed blinking sequence is executed. If CTRL is set low during execution of
blinking sequence, device goes to standby and execution of blinking sequence is stopped.
If CTRL signal is low after command entering period, Run Once command is executed once the CTRL is set
high.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com