Electronic Components Datasheet Search
  English  ▼

X  

LP8900 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP8900
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8900 Datasheet(HTML) 3 Page - Texas Instruments

  LP8900 Datasheet HTML 1Page - Texas Instruments LP8900 Datasheet HTML 2Page - Texas Instruments LP8900 Datasheet HTML 3Page - Texas Instruments LP8900 Datasheet HTML 4Page - Texas Instruments LP8900 Datasheet HTML 5Page - Texas Instruments LP8900 Datasheet HTML 6Page - Texas Instruments LP8900 Datasheet HTML 7Page - Texas Instruments LP8900 Datasheet HTML 8Page - Texas Instruments LP8900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Top View
Bottom View
B1
GND
OUT1
A2
IN
B2
OUT2
C2
A1
EN1
B1
GND
C1
EN2
OUT1
A2
C1
EN2
A1
EN1
IN
B2
OUT2
C2
3
LP8900
www.ti.com
SNVS542E – MAY 2008 – REVISED JUNE 2016
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Default Device Options
ORDERABLE NUMBER
OUT1
OUT2
LP8900TLE-3333
2.8 V
2.8 V
LP8900TLE-AAAH
2.7 V
2.7 V
LP8900TLE-AAEB
2.8 V
2.7 V
LP8900TLE-AAEC
2.8 V
1.2 V
6 Pin Configuration and Functions
YZR Package
6-Pin DSBGA
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
A1
EN1
I
Enable input; enables the regulator when
≥ 1.2 V. Enable Input has an internal 3-MΩ
pulldown resistor to GND.
Disables the regulator when
≤ 0.4 V.
A2
OUT1
O
Voltage output. A low ESR ceramic capacitor must be connected from this pin to GND.
(See Application and Implementation.) Connect this output to the load circuit.
B1
GND
G
Common ground.
B2
IN
I
Voltage supply input. A 1-µF capacitor must be connected from this pin to GND.
C1
EN2
I
Enable input; enables the regulator when
≥ 1.2 V. Enable input has an internal 3-MΩ
pulldown resistor to GND.
Disables the regulator when
≤ 0.4 V.
C2
OUT2
O
Voltage output. A low ESR ceramic capacitor must be connected from this pin to GND.
(See Application and Implementation.) Connect this output to the load circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com