Electronic Components Datasheet Search
  English  ▼

X  

MAX213CDW Datasheet(PDF) 2 Page - Texas Instruments

Part # MAX213CDW
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX213CDW Datasheet(HTML) 2 Page - Texas Instruments

  MAX213CDW Datasheet HTML 1Page - Texas Instruments MAX213CDW Datasheet HTML 2Page - Texas Instruments MAX213CDW Datasheet HTML 3Page - Texas Instruments MAX213CDW Datasheet HTML 4Page - Texas Instruments MAX213CDW Datasheet HTML 5Page - Texas Instruments MAX213CDW Datasheet HTML 6Page - Texas Instruments MAX213CDW Datasheet HTML 7Page - Texas Instruments MAX213CDW Datasheet HTML 8Page - Texas Instruments MAX213CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
MAX213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS680 – DECEMBER 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 20
MAX213CDW
SOIC – DW
Reel of 1000
MAX213CDWR
0
°C to 70°C
Tube of 50
MAX213CDB
SSOP – DB
Reel of 2000
MAX213CDBR
TSSOP – PW
Tape and reel
MAX213CPWR
Tube of 20
MAX213IDW
SOIC – DW
Reel of 1000
MAX213IDWR
–40
°C to 85°C
Tube of 50
MAX213IDB
SSOP – DB
Reel of 2000
MAX213IDBR
TSSOP – PW
Tape and reel
MAX213IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
RECEIVER
DRIVER
DEVICE STATUS
D1–D4
SHDN
EN
R1–R3
R4–R5
L
L
Z
Z
Z
Shutdown
L
H
Z
Z
Active(1)
Shutdown
H
L
All active
Z
Z
Normal operation
H
H
All active
Active
Active
Normal operation
(1)
See the VIT+ and VIT– change in the Electrical Characteristics table.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com