Electronic Components Datasheet Search
  English  ▼

X  

MAX3232MPWREP.A Datasheet(PDF) 3 Page - Texas Instruments

Part # MAX3232MPWREP.A
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3232MPWREP.A Datasheet(HTML) 3 Page - Texas Instruments

  MAX3232MPWREP.A Datasheet HTML 1Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 2Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 3Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 4Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 5Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 6Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 7Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 8Page - Texas Instruments MAX3232MPWREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ELECTRICAL CHARACTERISTICS
MAX3232-EP
www.ti.com......................................................................................................................................................... SGLS337A – APRIL 2006 – REVISED MARCH 2009
RECOMMENDED OPERATING CONDITIONS (see and Figure 4) (continued)
MIN
NOM
MAX
UNIT
Driver input voltage
DIN
0
5.5
VI
V
Receiver input voltage
–25
25
TA
Operating free-air temperature
MAX3232M
-55
125
°C
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see
(1)and
Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
ICC
Supply current
No load, VCC = 3.3 V or 5 V
0.3
2
mA
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ±0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ±0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): MAX3232-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com