Electronic Components Datasheet Search
  English  ▼

X  

MAX3238CPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # MAX3238CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV ESD (HBM) PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3238CPWR Datasheet(HTML) 2 Page - Texas Instruments

  MAX3238CPWR Datasheet HTML 1Page - Texas Instruments MAX3238CPWR Datasheet HTML 2Page - Texas Instruments MAX3238CPWR Datasheet HTML 3Page - Texas Instruments MAX3238CPWR Datasheet HTML 4Page - Texas Instruments MAX3238CPWR Datasheet HTML 5Page - Texas Instruments MAX3238CPWR Datasheet HTML 6Page - Texas Instruments MAX3238CPWR Datasheet HTML 7Page - Texas Instruments MAX3238CPWR Datasheet HTML 8Page - Texas Instruments MAX3238CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MAX3238
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD (HBM) PROTECTION
SLLS349J − JUNE 1999 − REVISED MARCH 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
Flexible control options for power management are featured when the serial port and driver inputs are inactive.
The auto-powerdown plus feature functions when FORCEON is low and FORCEOFF is high. During this mode
of operation, if the device does not sense valid signal transitions on all receiver and driver inputs for
approximately 30 s, the built-in charge pump and drivers are powered down, reducing the supply current to
1
µA. By disconnecting the serial port or placing the peripheral drivers off, auto-powerdown plus occurs if there
is no activity in the logic levels for the driver inputs. Auto-powerdown plus can be disabled when FORCEON
and FORCEOFF are high. With auto-powerdown plus enabled, the device activates automatically when a valid
signal is applied to any receiver or driver input. INVALID is high (valid data) if any receiver input voltage is greater
than 2.7 V or less than −2.7 V, or has been between −0.3 V and 0.3 V for less than 30
µs. INVALID is low (invalid
data) if all receiver input voltages are between −0.3 V and 0.3 V for more than 30
µs. Refer to Figure 5 for receiver
input levels.
Function Tables
EACH DRIVER
INPUTS
OUTPUT
DIN
FORCEON
FORCEOFF
TIME ELAPSED SINCE LAST
RIN OR DIN TRANSITION
OUTPUT
DOUT
DRIVER STATUS
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
H
HH
X
L
Normal operation with
auto-powerdown plus disabled
L
L
H
<30 s
H
Normal operation with
H
L
H
<30 s
L
Normal operation with
auto-powerdown plus enabled
L
L
H
>30 s
Z
Powered off by
H
L
H
>30 s
Z
Powered off by
auto-powerdown plus feature
H = high level, L = low level, X = irrelevant, Z = high impedance
EACH RECEIVER
INPUTS
OUTPUTS
RIN1
RIN2−RIN3
FORCEOFF
TIME ELAPSED SINCE LAST RIN
OR DIN TRANSITION
ROUT1B
ROUT
RECEIVER STATUS
L
X
L
X
L
Z
Powered off while
H
XL
X
H
Z
Powered off while
ROUT1B is active
L
L
H
<30 s
L
H
L
H
H
<30 s
L
L
Normal operation with
H
L
H
<30 s
H
H
Normal operation with
auto-powerdown plus
disabled/enabled
H
H
H
<30 s
H
L
auto-powerdown plus
disabled/enabled
Open
Open
H
>30 s
L
H
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com