Electronic Components Datasheet Search
  English  ▼

X  

TSZU52C2 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSZU52C2
Description  150mW SMD Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZU52C2 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSZU52C2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZU52C2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZU52C2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZU52C2 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
TSZU52C2 – TSZU52C39
150mW
SMD Zener Diode
0603
Features
150mW Power dissipation.
High voltages from 2 ~ 39V
Designed for mounting on small surface
Extremely thin/leadless package
Pb free product
Mechanical Data
Cases: 0603 standard package,
molded plastic
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026,
Polarity: Indicated by cathode band
Weight: 0.003 gram (approximately)
Item
0603
L
0.071(1.80)
0.063(1.60)
W
0.039(1.00)
0.031(0.80)
T
0.033(0.85)
0.027(0.70)
C
0.014(0.35)
Typical
D
0.018(0.45)
Typical
H
0.012(0.30) Typ.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
Maximum Forward Voltage Drop at IF=10mA
VF
0.9
V
Maximum Power Dissipation
Pd
150
mW
Forward Current, Surge Peak
8.3ms Single half Sine-Wave superimposed on Rate Load
(JEDEC method)
IFSM
2.0
A
Operating Junction and Storage Temperature Range
TSTG, TJ
-65 to +125
oC
Version: A07
Preliminary


Similar Part No. - TSZU52C2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZU52C20 TSC-TSZU52C20 Datasheet
111Kb / 4P
150mW SMD Zener Diode
TSZU52C20 TSC-TSZU52C20 Datasheet
143Kb / 6P
SMD Zener Diode
TSZU52C22 TSC-TSZU52C22 Datasheet
111Kb / 4P
150mW SMD Zener Diode
TSZU52C22 TSC-TSZU52C22 Datasheet
143Kb / 6P
SMD Zener Diode
TSZU52C24 TSC-TSZU52C24 Datasheet
111Kb / 4P
150mW SMD Zener Diode
More results

Similar Description - TSZU52C2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
logo
Taiwan Semiconductor Co...
TSZU52C2V4 TSC-TSZU52C2V4 Datasheet
111Kb / 4P
150mW SMD Zener Diode
logo
Diodes Incorporated
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev 10
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev 11
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
logo
Diodes Incorporated
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com