Electronic Components Datasheet Search
  English  ▼

X  

MMBZ30VCLDBZR Datasheet(PDF) 4 Page - Texas Instruments

Part # MMBZ30VCLDBZR
Description  MMBZ30VCL Dual Channel ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MMBZ30VCLDBZR Datasheet(HTML) 4 Page - Texas Instruments

  MMBZ30VCLDBZR Datasheet HTML 1Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 2Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 3Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 4Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 5Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 6Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 7Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 8Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free-air temperature
-55
150
°C
5.5 Thermal Information
THERMAL METRIC (1)
MMBZ30VCL
UNIT
DBZ (SOT-23)
3 PINS
RθJA
Junction-to-ambient thermal resistance
262.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
147.0
°C/W
RθJB
Junction-to-board thermal resistance
96.1
°C/W
ΨJT
Junction-to-top characterization parameter
33.5
°C/W
ΨJB
Junction-to-board characterization parameter
95.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.6 Electrical Characteristics
over TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward Voltage
IF = 10mA, TA = 25°C
1.1
V
VRWM
Reverse stand-off voltage
TA = 25°C
24
V
VBR
Breakdown voltage (1)
IT = 10mA, TA = 25°C
24.8
34.8
V
VCLAMP
Clamping voltage (2)
IPPM = 0.5A, tp = 10/1000µs
31
40
V
ILEAK
Leakage current
VIO = ±24V
1
25
nA
SZ
Temperature Coefficient
IZ = 10mA
13
mV/C
CL
Line capacitance
VIO = 0V, f = 1MHz, Vpp = 30mV
4.5
pF
(1)
VBR is defined as the voltage when 10mA is applied and before the device enters into the shallow snapback state
(2)
Device stressed with 10/1000 µs exponential decay waveform according to IEC 61643-321
MMBZ30VCL
SLVSIA0 – NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: MMBZ30VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com