Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7KQB Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LS1021ASE7KQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7KQB Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LS1021ASE7KQB Datasheet HTML 49Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 50Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 51Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 52Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 53Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 54Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 55Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 56Page - NXP Semiconductors LS1021ASE7KQB Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 205 page
background image
Table 2. Absolute maximum ratings1 (continued)
Characteristic
Symbol
Max Value
Unit
Notes
System control and power management,
GPIO1, GPIO2, debug, IRQ
O1VIN
-0.3 to (O1VDD + 0.3)
V
3, 5
GPIO2, eSDHC, LPUART3, 5, 6 signals
EVIN
-0.3 to (EVDD + 0.3)
V
5, 6, 7
QSPI, SPI1, IFC, GPIO2, FTM5, FTM6,
FTM7, I2C signals
BVIN
-0.3 to (BVDD + 0.3)
V
5, 8
DUART, I2C, DMA, TDM, QE, 2D-ACE,
LPUART1, 2, 4, GPIO1, eSDHC, SAI(I2S) 3,
4, SPDIF, FTM4, FTM8, SPI2, IRQ
DVIN
D1VIN
-0.3 to (DnVDD + 0.3)
V
5, 6, 10
SerDes signals
S1VIN
-0.4 to (S1VDD + 0.3)
V
5
USB PHY Transceiver signals
USB_HVIN
-0.3 to (USB_HVDD +
0.3)
V
5
Storage temperature range
TSTG
-55 to 150
°C
—
Notes:
1. Functional operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only, and functional
operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent
damage to the device.
2.
Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
3.
Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4.
Caution: LVIN must not exceed LVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
5. (S,B,L,O,D,E)VIN, USBn_HVIN, and Dn_MVREF may overshoot/undershoot to a voltage and for a maximum duration as
shown in Figure 7.
6.
Caution: DVIN must not exceed DVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
7.
Caution: EVIN must not exceed EVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
8.
Caution: BVIN must not exceed BVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
9. Supply voltage specified at the voltage sense pin. Voltage input pins should be regulated to provide specified voltage at the
sense pin.
10. See the power supply column in Table 1 to determine which power supply rail is used for each interface.
11. Typical DDR interface uses ODT enabled mode. For tests purposes with ODT off mode, simulation should be done first
so as to make sure that the overshoot signal level at the input pin does not exceed GVDD by more than 10%. The overshoot/
undershoot period should comply with JEDEC standards.
3.1.2 Recommended operating conditions
This table provides the recommended operating conditions for this chip.
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com