Electronic Components Datasheet Search
  English  ▼

X  

MURF820 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MURF820
Description  Ultrafast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MURF820 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MURF820 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MURF820 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Recovery Diode
MURF820
www.iscsemi.com
1
FEATURES
· Ultrafast Recovery Time
· High Temperature Glass Passivated Junction
· Electrically Isolated, No Isolate Hardware Required
APPLICATIONS
· Switching Power Supply
· Power Switching Circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions
half-
wave, single phase, 60Hz)
100
A
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.2
℃
/W
1 3


Similar Part No. - MURF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURF820 MOTOROLA-MURF820 Datasheet
81Kb / 4P
ULTRAFAST RECTIFIER 8 AMPERES 200 VOLTS
logo
Micro Commercial Compon...
MURF820 MCC-MURF820 Datasheet
103Kb / 2P
8 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
logo
Diotech Company.
MURF820 DIOTECH-MURF820 Datasheet
718Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
logo
ON Semiconductor
MURF820 ONSEMI-MURF820 Datasheet
142Kb / 4P
Power Rectifier
September, 2006 ??Rev. 2
logo
Nanjing International G...
MURF820 DGNJDZ-MURF820 Datasheet
1Mb / 2P
GLASS PASSIVATED SUPER RECTIFIER
More results

Similar Description - MURF820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com