Electronic Components Datasheet Search
  English  ▼

X  

D2SB05 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # D2SB05
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers GBL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

D2SB05 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  D2SB05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd D2SB05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
D2SB05 - D2SB80
Single Phase 1.5 AMPS. Glass
Passivated Bridge Rectifiers
GBL
12
3
4
12
34
C2.5
.799(20.3)
.776(19.7)
.146(3.70)
.130(3.30)
.445(11.3)
.421(10.7)
.551(14.0)
.512(13.0)
205(5.20)
189(4.80)
.205(5.20)
.189(4.80)
.205(5.20)
.189(4.80)
.106(2.70)
.091(2.30)
.024(0.60)
.016(0.40)
.047(1.20)
.031(0.80)
.106(2.70)
.091(2.30)
.043(1.10)
.035(0.90)
.067(1.70)
.051(1.30)
Features
Glass passivated chip junction
Ideal for printed circuit board
High case dielectric strength
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Typical IR less than 0.1µA
High surge current capability
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”, (9.5mm) lead
lengths.
Mechanical Data
Case: Molded plastic body.
Terminals: Pure tin plated, Lead free. leads
solderable per MIL-STD-750, Method 2026.
Weight: 0. 071 ounce, 2.0 grams
Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol D2SB
05
D2SB
10
D2SB
20
D2SB
40
D2SB
60
D2SB
80
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
V
Maximum Average Forward Rectified Current
@TA = 50
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
80
A
Rating for fusing
(t<8.3ms)
(t<10ms)
I
2
t
27
32
A2sec
Maximum Instantaneous Forward Voltage
@ 0.75A
VF
1.05
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
500
uA
uA
Typical Thermal Resistance Per Leg (Note )
RθJA
RθJL
47
10
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Notes 1: Units Mounted In Free Air No Heat Sink On PCB 0.5x0.5 “ (12x12mm) Copper Pads,
0.375”(9.5mm) Lead Length.


Similar Part No. - D2SB05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
124Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
194Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier
logo
SUNMATE electronic Co.,...
D2SB05 SUNMATE-D2SB05 Datasheet
459Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
2.0A BRIDGE RECTIFIER
More results

Similar Description - D2SB05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB154G TSC-DB154G Datasheet
98Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DBL151G TSC-DBL151G Datasheet
59Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
HDBL151G TSC-HDBL151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005GM TSC-W005GM Datasheet
68Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_1 Datasheet
212Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005G TSC-W005G Datasheet
73Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com