Electronic Components Datasheet Search
  English  ▼

X  

SW4043G Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4043G
Description  EXTERNAL DESKTOP POWER SUPPLY 12VDC 192WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4043G Datasheet(HTML) 1 Page - TT Electronics.

  SW4043G Datasheet HTML 1Page - TT Electronics. SW4043G Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 12VDC 192WATT
POWERPAX: SW4043G
© TT Electronics plc
ISS.5 13/12/2022 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
Our Range of 192 watt AC/DC switch mode power supplies provide 192watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW4043G
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C14
Input Current Rated
2.8A Max
Inrush Current
100A Max at 240VAC cold start
Leakage Current
<3.5mA
Efficiency
89% Min
Input Power(Output: No Load)
0. 15W (At 230 Vac & At No load)
Output Voltage Rating
12 VDC
Output Current Range
16A Max
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Line and Load Regulation
+/-5%
Over Voltage Protection
Vout * 150% Max.
Over Current Protection
Iout * 150% Max.
Short Circuit Protection
Shut down
Ripple Voltage
150 mV (p-p) (100-240 Vac Input )
Hi-Pot
3000Vav 10mA 1 min.
Safety Approved
CB,CUL/UL,GS,PSE,BSMI Including EN62368-1
EMI Standard
CE / FCC Class B ; Conduction & Radiation Met.
EN55032, EN55035, EN61000-3-2, EN61000-3-3
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
(L) 183.2 x (W) 81 x (H) 42.3mm
Product Weight
820g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4043G

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW404 BOWEI-SW404 Datasheet
252Kb / 1P
4-SPST Switches
logo
TT Electronics.
SW4044F TTELEC-SW4044F Datasheet
282Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 200WATT
01/06/2020
SW4047-C2 TTELEC-SW4047-C2 Datasheet
355Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 24WATT
12/01/2021
SW4047F TTELEC-SW4047F Datasheet
367Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 24WATT
12/12/2022
More results

Similar Description - SW4043G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com